Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11B2-X009 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # H11B2-X009
Description  Optocoupler, Photodarlington Output, High Gain, With Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

H11B2-X009 Datasheet(HTML) 4 Page - Vishay Siliconix

  H11B2-X009 Datasheet HTML 1Page - Vishay Siliconix H11B2-X009 Datasheet HTML 2Page - Vishay Siliconix H11B2-X009 Datasheet HTML 3Page - Vishay Siliconix H11B2-X009 Datasheet HTML 4Page - Vishay Siliconix H11B2-X009 Datasheet HTML 5Page - Vishay Siliconix H11B2-X009 Datasheet HTML 6Page - Vishay Siliconix H11B2-X009 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83609
Rev. 1.5, 26-Oct-04
H11B1/ H11B2/ H11B3
Vishay Semiconductors
Figure 3. Normalized Non-Saturated and Saturated ICE vs. LED
Current
Figure 4. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
Figure 5. Non-Saturated and Saturated HFE vs. Base Current
ih11b1_03
100
1
.1
.01
.1
1
10
100
Vce=1V
Vce=5V
IF - LED Current - mA
IF =2mA
Vce=5V
Normalized to:
10
ih11b1_04
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=5V
IF - LED Current - mA
IF =10mA
Vce=5V
Normalized to:
10
ih11b1_05
.01
.1
1
10
100
0
2000
4000
6000
8000
10000
Vce = 5 V
Vce = 1 V
Ib - Base Current -
µA
Figure 6. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 7. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 8. Switching Waveform
ih11b1_06
0
5
10
15
20
0
20
40
60
80
Vcc=5V
Vth = 1.5 V
220
ıˇ
470
IF - LED Current - mA
100
1.0 k
ih11b1_07
0
5
10
15
20
0
5
10
15
20
100
1k
IF - LED Current - mA
Vcc = 5 V
Vth = 1.5 V
ih11b1_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH = 1.5 V


Similar Part No. - H11B2-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11B2-X009 VISHAY-H11B2-X009 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
More results

Similar Description - H11B2-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N32-X000 VISHAY-4N32-X000 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com