Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M366S3354BTS Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M366S3354BTS
Description  SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S3354BTS Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M366S3354BTS Datasheet HTML 2Page - Samsung semiconductor M366S3354BTS Datasheet HTML 3Page - Samsung semiconductor M366S3354BTS Datasheet HTML 4Page - Samsung semiconductor M366S3354BTS Datasheet HTML 5Page - Samsung semiconductor M366S3354BTS Datasheet HTML 6Page - Samsung semiconductor M366S3354BTS Datasheet HTML 7Page - Samsung semiconductor M366S3354BTS Datasheet HTML 8Page - Samsung semiconductor M366S3354BTS Datasheet HTML 9Page - Samsung semiconductor M366S3354BTS Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 1.1 February 2004
SDRAM
256MB, 32Mx64 Module (M366S3354BTS) (Populated as 1 bank of x16 SDRAM Module)
FUNCTIONAL BLOCK DIAGRAM
DQM4
CS0
DQM0
DQM1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
LDQM
CS
UDQM
DQM5
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
LDQM
CS
UDQM
A0 ~ A12, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U3
SDRAM U0 ~ U3
SDRAM U0 ~ U3
SDRAM U0 ~ U3
SDRAM U0 ~ U3
10
DQn
Every DQpin of SDRAM
DQM6
CS2
DQM2
DQM3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
LDQM
CS
UDQM
DQM7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ57
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
LDQM
CS
VDD
Vss
Two 0.1uF
per each SDRAM
To all SDRAMs
Capacitors
CLK1/3
U0/U2
10
CLK0/2
10
U1/U3
15pF
10pF
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K
UDQM


Similar Part No. - M366S3354BTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C1H SAMSUNG-M366S3323CT0-C1H Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0-C1L SAMSUNG-M366S3323CT0-C1L Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results

Similar Description - M366S3354BTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M470L3324BT SAMSUNG-M470L3324BT Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com