Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80142Q20I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X80142Q20I
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80142Q20I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X80142Q20I Datasheet HTML 6Page - Intersil Corporation X80142Q20I Datasheet HTML 7Page - Intersil Corporation X80142Q20I Datasheet HTML 8Page - Intersil Corporation X80142Q20I Datasheet HTML 9Page - Intersil Corporation X80142Q20I Datasheet HTML 10Page - Intersil Corporation X80142Q20I Datasheet HTML 11Page - Intersil Corporation X80142Q20I Datasheet HTML 12Page - Intersil Corporation X80142Q20I Datasheet HTML 13Page - Intersil Corporation X80142Q20I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN8153.0
January 20, 2005
4. Power Up of Supplies Via Relay Sequencing Using
Voltage Monitors (see Figure 10 and Figure 9).
5. Several power supplies and their respective power up
start times can be controlled using the X80140 such that
each of the power supplies will start in a relay sequencing
fashion. In the following example, the 1st supply is
allowed to power up when the input regulated supply
reaches an acceptable threshold. Subsequent supplies
power up after the prior supply has reached its operating
voltage. This configuration ensures that each subsequent
power supply turns on after the preceding supplies
voltage output is valid. Again, the X80140 offers
programmable delays for each voltage monitor and this
delay is selectable via the SMBus during calibration of the
system.
V3GDO
V3MON
V2GDO
V2MON
V1GDO
V1MON
X80140/41/42/43/44
RESET
µC
VCC1
FPGA
VCC1
ASIC
VCC1
V4GDO
V4MON
RESET
VCC2
VCC2
VCC2
MR
1.2V
2.5V
3.3V
5V
Power
Supplies
IRQ
On/Off
On/Off
On/Off
FIGURE 7. EXAMPLE APPLICATION OF PARALLEL POWER
CONTROL
V1MON
tDELAY1
V1GDO
Programmable
Delay
Timing
not to scale
100ms
500ms
1 sec
5 secs
V4MON
tDELAY4
V4GDO
Programmable
Delay
tSPOR
Programmable
Delay
RESET
Can Choose Different
Delays for each
Voltage Monitor
FIGURE 8. PARALLEL POWER CONTROL - TIMING
X80140, X80141, X80142, X80143, X80144


Similar Part No. - X80142Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80142Q20I RENESAS-X80142Q20I Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results

Similar Description - X80142Q20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
[Old version datasheet]   Voltage Supervisor With Programmable Delay
logo
KEC(Korea Electronics)
KIA7125P KEC-KIA7125P Datasheet
232Kb / 2P
   VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC
logo
Linear Technology
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com