Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M374S2953BTS-C7A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M374S2953BTS-C7A
Description  SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M374S2953BTS-C7A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M374S2953BTS-C7A Datasheet HTML 7Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 8Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 9Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 10Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 11Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 12Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 13Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 14Page - Samsung semiconductor M374S2953BTS-C7A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 1.1 February 2004
SDRAM
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.0 * # of component
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS AND CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
3.0
3.3
3.6
V
Input high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input low voltage
VIL
-0.3
0
0.8
V
2
Output high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output low voltage
VOL
--
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
CAPACITANCE (VDD = 3.3V, TA = 23°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Parameter
Sym-
bol
M366S3354BTS
M366S6553BTS
M366S2953TS
Unit
Min
Max
Min
Max
Min
Max
Input capacitance (A0 ~ A12)
Input capacitance (RAS, CAS, WE)
Input capacitance (CKE)
Input capacitance (CLK)
Input capacitance (CS)
Input capacitance (DQM0 ~ DQM7)
Data input/output capacitance (DQ0 ~ DQ63)
CIN1
CIN2
CIN3
CIN4
CIN5
CIN6
COUT
15
15
15
10
10
8
9
25
25
25
13
15
10
12
25
25
25
15
15
8
9
45
45
45
21
25
12
12
45
45
25
15
15
10
13
85
85
45
21
25
15
18
pF
pF
pF
pF
pF
pF
pF
Pin
Sym-
bol
M374S6553BTS
M374S2953BTS
Unit
Min
Max
Min
Max
Input capacitance (A0 ~ A12)
Input capacitance (RAS, CAS, WE)
Input capacitance (CKE)
Input capacitance (CLK)
Input capacitance (CS)
Input capacitance (DQM0 ~ DQM7)
Data input/output capacitance (DQ0 ~ DQ63)
CIN1
CIN2
CIN3
CIN4
CIN5
CIN6
COUT
28
28
28
18
18
8
9
50
50
50
25
30
10
12
50
50
28
18
18
13
13
95
95
50
25
30
20
18
pF
pF
pF
pF
pF
pF
pF


Similar Part No. - M374S2953BTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M374S1723ETS-C7A SAMSUNG-M374S1723ETS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723ETU-C7A SAMSUNG-M374S1723ETU-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723FTS-C7A SAMSUNG-M374S1723FTS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723FTU-C7A SAMSUNG-M374S1723FTU-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S1723IUS SAMSUNG-M374S1723IUS Datasheet
153Kb / 8P
   SDRAM Product Guide
More results

Similar Description - M374S2953BTS-C7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M470L3324BT SAMSUNG-M470L3324BT Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com