Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80202 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X80202
Description  Power Supply Swquencer with Power-up System Mnitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80202 Datasheet(HTML) 2 Page - Intersil Corporation

  X80202 Datasheet HTML 1Page - Intersil Corporation X80202 Datasheet HTML 2Page - Intersil Corporation X80202 Datasheet HTML 3Page - Intersil Corporation X80202 Datasheet HTML 4Page - Intersil Corporation X80202 Datasheet HTML 5Page - Intersil Corporation X80202 Datasheet HTML 6Page - Intersil Corporation X80202 Datasheet HTML 7Page - Intersil Corporation X80202 Datasheet HTML 8Page - Intersil Corporation X80202 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN8154.0
Functional Diagram
GATEH_EN
GATE_L
SCL
VDDH
VFB
DNC
GATE_M
GATE_H
18
17
16
15
14
11
13
10
9
45
6
7
8
+
CORE-UP-FIRST
CORE-DOWN-LAST
UVLOH
UVLOM
UVLOL
OSC
CHARGE
PUMP_M
CHARGE
PUMP_H
CHARGE
PUMP_L
GND
A1
A2
NC
SDA
STATUS REGISTER
REMOTE SHUTDOWN REGISTER
2-WIRE
READY
VDDM
VDDL
SETV
REF
A0
19
20
1
2
3
ENS
12
INTERFACE
Pin Descriptions
PIN
NAME
DESCRIPTION
1
SETV
Set Voltage. This pin is used for voltage based power sequencing of supplies VDDM and VDDL.
If unused connect to ground.
2
REF
Reference voltage. This pin is used for voltage based sequencing. The voltage on this pin is compared to the voltage on the
VFB pin and provides the threshold for turn on of the GATE_M output. Either a voltage source or external resistor divider can
be used to provide the reference. If time based sequencing is used this pin should be tied to VDDH.
3
A0
Slave address pin assignment. It has an Internal pull down resistor. (>10M
Ω typical)
4
GND
Voltage Ground.
5
A1
Slave address pin assignment. It has an Internal pull down resistor. (>10M
Ω typical)
6
A2
Slave Address pin assignment. It has an Internal pull down resistor. (>10M
Ω typical)
7
NC
No internal connections.
8
SDA
Serial bus data input/output pin.
9
SCL
Serial bus clock input pin.
10
READY
READY Output Pin: This open-drain output pin goes LOW while VDDH is below UVLOH and remains LOW for tPURST after
VDDH goes above UVLOH. READY goes HIGH after tPURST.
11
GATEH_EN GATE_H Enable. When this pin is HIGH and VDDH > UVLOH the charge pump of the GATE_H pin turns on and the output
drives HIGH. When this pin is LOW, the charge pump is disabled and the GATE_H output is LOW. An external RC time delay
can be connected between the enable signal and this pin to delay the GATE_H turn on.
12
ENS
Enable Sequence. This pin is used for time-based power sequencing of supplies VDDM and VDDL. If unused, connect to ground.
13
GATE_L
GATE_L Output: This output is connected to the gate of an (external) Power Switch “L”. The GATE_L pin is driven HIGH when
charge pump L is enabled and pulled LOW when the charge pump is disabled.
14
GATE_H
GATE_H Output: This output is connected to the gate of a (external) Power Switch “H”. The GATE_H pin driven HIGH when
charge pump H is enabled and pulled LOW when the charge pump is disabled.
15
GATE_M
GATE_M Output: This output is connected to the gate of a (external) Power Switch “M”. The GATE_M pin driven HIGH when
charge pump M is enabled and pulled LOW when the charge pump is disabled.
16
DNC
Do not connect (must be left floating).
17
VFB
Voltage Feedback Pin. This input pin is used with voltage based power sequencing to monitor the level of a previously turned-
on supply. If unused, connect to ground.
18
VDDH
Primary supply voltage (typically 5V).
19
VDDM
Monitored Supply Voltage “M” input.
20
VDDL
Monitored Supply Voltage “L” input.
X80200, X80201, X80202, X80203, X80204


Similar Part No. - X80202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80202 RENESAS-X80202 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
X80202V20I RENESAS-X80202V20I Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results

Similar Description - X80202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Rohm
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
   Biopolat System power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
   Bipolar System Power Supply
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
   System DC Power Supply
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
   System Power Supply; 24 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com