Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33464N-09ATR Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33464N-09ATR
Description  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33464N-09ATR Datasheet(HTML) 4 Page - ON Semiconductor

  MC33464N-09ATR Datasheet HTML 1Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 2Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 3Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 4Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 5Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 6Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 7Page - ON Semiconductor MC33464N-09ATR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC33464
4
MOTOROLA ANALOG IC DEVICE DATA
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
0
25
0
50
–55
4.8
0.0001
100
0
5.0
0
5.0
VOL, OUTPUT SINK VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
LOAD CAPACITANCE (
µF)
Figure 1. Quiescent Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 2. Detector Threshold versus Temperature
MC33464H–45CT1
Figure 3. Reset Output Voltage versus
Input Voltage
Figure 4. Reset Output Voltage versus
Sink Current
Figure 5. Output Delay Time versus
Load Capacitance
Figure 6. Output Sink Current versus
Input Voltage
20
40
4.7
4.0
4.0
15
30
4.6
10
3.0
3.0
10
20
4.5
1.0
2.0
2.0
0
0
4.4
0.1
0
0
0.01
2.0
4.0
6.0
8.0
10
12
–25
0
25
50
75
125
1.0
1.0
1.0
2.0
2.0
0.001
2.0
3.0
3.0
3.0
4.0
4.0
0.01
4.0
6.0
8.0
5.0
0.1
5.0
Vin = 1.5 V
MC33464H–45CT1
TA = 25°C
MC33464H–45CT1
MC33464H–45CT1
TA = 25°C
TA = –30°C
TA = 80°C
TA = 25°C
TA = –30°C
TA = 80°C
MC33464H–45ATR
RL = 470 k to Vin
TA = 25°C
Vin Increasing
MC33464H–45ATR
RL = 470 k to Vin
TA = 25°C
Vin Decreasing
Vin = 2.0 V
Vin = 2.5 V
Vin = 3.5 V
Vin = 3.0 V
Vin = 4.0 V
Upper Threshold
Vin Increasing
Lower Threshold
Vin Decreasing
1.0
100
1.0
10
5.0
5.0
7.0
Hysteresis
Voltage


Similar Part No. - MC33464N-09ATR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33464N-09ATR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com