Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33765DTBR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33765DTBR2
Description  Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33765DTBR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33765DTBR2 Datasheet HTML 1Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 2Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 3Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 4Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 5Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 6Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 7Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 8Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 2
1
Publication Order Number:
MC33765/D
MC33765
Very Low Dropout/
Ultra Low Noise
5 Outputs Voltage Regulator
The MC33765 is an ultra low noise, very low dropout voltage
regulator with five independent outputs which is available in TSSOP
16 surface mount package.
The MC33765 is available in 2.8 V. The output voltage is the same
for all five outputs but each output is capable of supplying different
currents up to 150 mA for output 4. The device features a very low
dropout voltage (0.11 V typical for maximum output current), very
low quiescent current (5.0
mA maximum in OFF mode, 130 mA typical
in ON mode) and one of the output (output 3) exhibits a very low noise
level which allows the driving of noise sensitive circuitry. Internal
current and thermal limiting protections are provided.
Additionally, the MC33765 has an independent Enable input pin for
each output. It includes also a common Enable pin to shutdown the
complete circuit when not used. The Common Enable pin has the
highest priority over the five independent Enable input pins.
The voltage regulators VR1, VR2 and VR3 have a common input
voltage pin VCC1.
The other voltage regulators VR4 and VR5 have a common input
voltage pin VCC2.
Five Independent Outputs at 2.8V Typical, based upon voltage
version
Internal Trimmed Voltage Reference
Vout Tolerance ±3.0% over the Temperature Range –40°C to +85°C
Enable Input Pin (Logic–Controlled Shutdown) for Each of the Five
Outputs
Common Enable Pin to Shutdown the Whole Circuit
Very Low Dropout Voltage (0.11 V Typical for Output 1, 2, 3 and 5;
0.17 V Typical for Output 4 at Maximum Current)
Very Low Quiescent Current (Maximum 5.0 µA in OFF Mode,
130
µA Typical in ON Mode)
Ultra Low Noise for VR3 (30 µV RMS Max, 100 Hz < f < 100 kHz)
Internal Current and Thermal Limit
100 nF for VR1, VR2, VR4 and VR5 and 1.0 µF for VR3 for
Stability
Supply Voltage Rejection: 60 dB (Typical) @ f = 1.0 kHz
Device
Package
Shipping
ORDERING INFORMATION
MC33765DTB
TSSOP16
96 Units/Rail
MC33765DTBR2
TSSOP16
TSSOP–16
DTB SUFFIX
CASE 948F
1
16
http://onsemi.com
2500 Units/Reel
MARKING
DIAGRAMS
PIN CONNECTIONS
116
15
14
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
Bypass
Common Enable
On/Off V–Reg. 1
GND
Not Connected
Output V–Reg. 5
On/Off V–Reg. 2
On/Off V–Reg. 3
On/Off V–Reg. 4
On/Off V–Reg. 5
VCC2
Output V–Reg. 4
Output V–Reg. 3
Output V–Reg. 2
Output V–Reg. 1
VCC1
MC33
765
ALYW
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week


Similar Part No. - MC33765DTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33765DTBR2 ONSEMI-MC33765DTBR2 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765DTBR2G ONSEMI-MC33765DTBR2G Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
More results

Similar Description - MC33765DTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
Sensitron
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
   POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
STMicroelectronics
LD56100 STMICROELECTRONICS-LD56100 Datasheet
1Mb / 22P
   1 A very low dropout fast transient ultra-low noise linear regulator
Rev 2 - June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com