Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6122C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6122C
Description  1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6122C Datasheet(HTML) 1 Page - Texas Instruments

  PT6122C Datasheet HTML 1Page - Texas Instruments PT6122C Datasheet HTML 2Page - Texas Instruments PT6122C Datasheet HTML 3Page - Texas Instruments PT6122C Datasheet HTML 4Page - Texas Instruments PT6122C Datasheet HTML 5Page - Texas Instruments PT6122C Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555
(800) 531-5782
Fax: (630) 393-6902 http://www.ti.com/powertrends
4
Standard Application
Ordering Information
PT6121! = +5 Volts
PT6122! = +3.3 Volts
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Pin-Out Information
PT6120
Series
Low Voltage Input (7V)
89% Efficiency
Adjustable Output Voltage
Internal Short Circuit Protection
Over-Temperature Protection
On/Off Control (Ground Off)
The PT6120 series is a low volt-
age input (typically 7V) version of
Power Trends’ high-performance
1A, 12 pin SIP Integrated Switching
Regulators (ISRs). These ISRs are de-
signed with premium low threshold FETs
for those applications requiring very low
input/output voltage differentials such as
battery powered equipment. This high-
performance ISR family offers a unique
combination of features combining 89%
typical efficiency with open-collector on/
off control and adjustable output voltage.
Quiescent current in the shutdown mode
is less than 100µA.
1 AMP ADJUSTABLE LOW VOLTAGE INPUT
INTEGRATED SWITCHING REGULATOR
C1 = Optional 1µF ceramic
Q1 =NFET
C2 = Required 100µF electrolytic
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj
PT6120
2,3,4
5,6,7,8
9,10,11
12
V
IN
GND
GND
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Specifications
Characteristics
PT6120 SERIES
(T
a =25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
1.0
A
Short Circuit Current
Isc
Vin = Vin min
3.5
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 1.0 A
Vo = 3.3V
7
26
V
(Note: inhibit function cannot be used with Vin above 30V)Vo = 5V
7
30/38**
V
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 1.0 A
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 1.0 A
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin=Vin min, Io=1.0 A
±2
%Vo
Transient Response
ttr
50% load change
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin=9V, Io=0.5A, Vo=3.3V
84
%
Vin=9V, Io=0.5A, Vo=5V
89
%
Switching Frequency
ƒo
Over Vin and Io ranges
400
500
600
kHz
Shutdown Current
Isc
Vin = 15V
100
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
10
mA
Output Voltage
Vo
Below Vo
See Application Notes.
Adjustment Range
Above Vo
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, Vo= 3.3V
-40
+85***
°C
Temperature Range
(40-60LFM)
Vo= 5V
-40
+85***
Thermal Resistance
θ
ja
Free Air Convection
Vo = 3.3V
50
°C/W
(40-60LFM)
Vo = 5V
40
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2
—10
G’s
20-2000 Hz, Soldered in a PC board
Weight
5.0
grams
* ISR will operate down to no load with reduced specifications.
** Input voltage cannot exceed 30V when the inhibit function is used.
***See Thermal Derating chart.
Note: The PT6120 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
Pkg Style 200
PT6120
SLTS081
(Revised 6/4/98)


Similar Part No. - PT6122C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6122 TI1-PT6122 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
More results

Similar Description - PT6122C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6320 TI-PT6320 Datasheet
541Kb / 7P
[Old version datasheet]   3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com