Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X93255UV14I Datasheet(PDF) 1 Page - Intersil Corporation

Part # X93255UV14I
Description  Dual Digitally Controlled Potentiometers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93255UV14I Datasheet(HTML) 1 Page - Intersil Corporation

  X93255UV14I Datasheet HTML 1Page - Intersil Corporation X93255UV14I Datasheet HTML 2Page - Intersil Corporation X93255UV14I Datasheet HTML 3Page - Intersil Corporation X93255UV14I Datasheet HTML 4Page - Intersil Corporation X93255UV14I Datasheet HTML 5Page - Intersil Corporation X93255UV14I Datasheet HTML 6Page - Intersil Corporation X93255UV14I Datasheet HTML 7Page - Intersil Corporation X93255UV14I Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN8187.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X93255
Dual Digitally Controlled Potentiometers
(XDCPs™)
FEATURES
• Dual solid-state potentiometers
• Independent Up/Down interfaces
• 32 wiper tap points per potentiometer
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 31 resistive elements per potentiometer
—Temperature compensated
—Maximum resistance tolerance ± 25%
—Terminal voltage, 0 to VCC
• Low power CMOS
—VCC = 5V ± 10%
—Active current, 200µA typ.
—Standby current, 4µA max
• High reliability
—Endurance 200,000 data changes per bit
—Register data retention, 100 years
•RTOTAL value = 50kΩ
• Packages
—14-lead TSSOP
DESCRIPTION
The Intersil X93255 is a dual digitally controlled
potentiometer (XDCP). The device consists of two
resistor arrays, wiper switches, a control section, and
nonvolatile memory. The wiper positions are controlled
by individual Up/Down interfaces.
A potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. The position of each wiper element is controlled
by a set of independent CS, U/D, and INC inputs. The
position of the wiper can be stored in nonvolatile memory
and then be recalled upon a subsequent power-up
operation.
Each potentiometer is connected as a two-terminal
variable resistor and can be used in a wide variety of
applications including:
– bias and gain control
– LCD Contrast Adjustment
BLOCK DIAGRAM
Control
and
Memory
Up/Down
(U/D1)
Increment
(INC1)
Device Select
(CS1)
VCC (Supply Voltage)
VSS (Ground)
RH1
RL1
30k
RH2
RL2
Control
and
Memory
Up/Down
(U/D2)
Increment
(INC2)
Device Select
(CS2)
30k
Data Sheet
March 4, 2005


Similar Part No. - X93255UV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93255UV14I INTERSIL-X93255UV14I Datasheet
162Kb / 7P
   Dual Digitally Controlled Potentiometers(XDCPs??
logo
Renesas Technology Corp
X93255UV14I RENESAS-X93255UV14I Datasheet
388Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs??
logo
Intersil Corporation
X93255UV14IT1 INTERSIL-X93255UV14IT1 Datasheet
162Kb / 7P
   Dual Digitally Controlled Potentiometers(XDCPs??
logo
Renesas Technology Corp
X93255UV14IT1 RENESAS-X93255UV14IT1 Datasheet
388Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs??
More results

Similar Description - X93255UV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com