Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC33 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC33
Description  Low Power Stereo Audio Codec for Portable Audio/Telephony
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC33 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC33 Datasheet HTML 4Page - Texas Instruments TLV320AIC33 Datasheet HTML 5Page - Texas Instruments TLV320AIC33 Datasheet HTML 6Page - Texas Instruments TLV320AIC33 Datasheet HTML 7Page - Texas Instruments TLV320AIC33 Datasheet HTML 8Page - Texas Instruments TLV320AIC33 Datasheet HTML 9Page - Texas Instruments TLV320AIC33 Datasheet HTML 10Page - Texas Instruments TLV320AIC33 Datasheet HTML 11Page - Texas Instruments TLV320AIC33 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLV320AIC33
MAY 24, 2005
PRELIMINARY INFORMATION REV.17
8
www.ti.com
The product described herein is a prototype product.
TI makes no warranty, either expressed, implied, or
statutory,
including
any
implied
warranty
or
merchantability or fitness for a specific purpose, as to
this product.
The information contined here concerns products in the
formative
or
design
phase
of
development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change
or discontinue these products without notice.
VIL Input low level
IIL = +5-uA
-0.3
0.3 x
IOVDD
V
VIH Input high level
IIH = +5-uA
0.7 x
IOVDD
V
VOL Output low level
IIH = 2 TTL loads
0.1 x
IOVDD
V
VOH Output high level
IOH = 2 TTL loads
0.8 x
IOVDD
V
Supply Current
Fs = 48-kHz
VDDA1
TBD
VDDA2
TBD
Stereo line playback
DVDD
Fs=48-kHz, PLL off,
headphone drivers off
TBD
VDDA1
TBD
VDDA2
TBD
Mono record
DVDD
Fs=48-kHz, PLL and
AGC off
TBD
VDDA1
TBD
VDDA2
TBD
Stereo record
DVDD
Fs=48-kHz, PLL and
AGC off
TBD
VDDA1
TBD
VDDA2
TBD
PLL
DVDD
Additional power
consumed when PLL is
powered
TBD
VDDA1
TBD
VDDA2
TBD
Headphone amplifier
DVDD
LINE2LP/RP only routed
to single-ended
headphones, DAC and
PLL off, no signal applied
TBD
VDDA1
TBD
VDDA2
TBD
Power down
DVDD
All supply voltages
applied, all blocks
programmed in lowest
power state
TBD
mA
(3)
Ratio of output level with 1-kHz full-scale sine wave input, to the output level with the inputs short
circuited, measured A-weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer.
(4)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter.
Failure to use such a filter may result in higher THD+N and lower SNR and dynamic range readings than
shown in the Electrical Characteristics. The low-pass filter removes out-of-band noise, which, although
not audible, may affect dynamic specification values.
(5)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35V, 0-dB
output level control gain, 16-ohm single-ended load.
(6)
Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured
A-weighted over a 20-Hz to 20-kHz bandwidth.


Similar Part No. - TLV320AIC33

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC33 BURR-BROWN-TLV320AIC33 Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC33 TI-TLV320AIC33 Datasheet
2Mb / 99P
[Old version datasheet]   Low Power Stereo Audio CODEC for Portable Audio/Telephony
DECEMBER 2008
logo
Burr-Brown (TI)
TLV320AIC33IGQE BURR-BROWN-TLV320AIC33IGQE Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC33IGQER BURR-BROWN-TLV320AIC33IGQER Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC33IGVX TI-TLV320AIC33IGVX Datasheet
2Mb / 99P
[Old version datasheet]   Low Power Stereo Audio CODEC for Portable Audio/Telephony
DECEMBER 2008
More results

Similar Description - TLV320AIC33

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com