Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC33IRGZ Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV320AIC33IRGZ
Description  Low Power Stereo Audio Codec for Portable Audio/Telephony
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC33IRGZ Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC33IRGZ Datasheet HTML 1Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 2Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 3Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 4Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 5Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 6Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 7Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 8Page - Texas Instruments TLV320AIC33IRGZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLV320AIC33
MAY 24, 2005
PRELIMINARY INFORMATION REV.17
2
The product described herein is a prototype product.
TI makes no warranty, either expressed, implied, or
statutory,
including
any
implied
warranty
or
merchantability or fitness for a specific purpose, as to
this product.
www.ti.com
The information contined here concerns products in the
formative
or
design
phase
of
development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change
or discontinue these products without notice.
Copyright
© 2004, Texas Instruments Incorporated
SIMPLIFIED BLOCK DIAGRAM
LINE_OUT_L+
LINE_OUT_L-
LINE_OUT_R+
LINE_OUT_R-
MONO_OUT+
MONO_OUT-
HPR+
HPL-/HPLCOM
HPL+
MIC2/LINE2L+
MIC2/LINE2L-
MIC1/LINE1L+
MIC1/LINE1L-
MIC1/LINE1R+
MIC1/LINE1R-
MIC3/LINE3R
MIC3/LINE3L
PGA
0/+59.5dB
0.5dB
steps
ADC
ADC
Audio Serial
Bus
DAC
L
DAC
R
SPI / I2C Serial Control
Bus
Audio Clock
Generation
Bias/
Reference
Voltage Supplies
Volume Ctl
& Effects
Volume Ctl
& Effects
MIC2/LINE2R-
MIC2/LINE2R+
+
+
VCM
+
+
+
HPR-/HPRCOM/
SPKFC
+
VCM
+
PGA
0/+59.5dB
0.5dB
steps
+
+
Figure 1. Simplified codec block diagram


Similar Part No. - TLV320AIC33IRGZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC33IRGZR BURR-BROWN-TLV320AIC33IRGZR Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC33IRGZR TI-TLV320AIC33IRGZR Datasheet
2Mb / 99P
[Old version datasheet]   Low Power Stereo Audio CODEC for Portable Audio/Telephony
DECEMBER 2008
logo
Burr-Brown (TI)
TLV320AIC33IRGZRG4 BURR-BROWN-TLV320AIC33IRGZRG4 Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC33IRGZRG4 TI-TLV320AIC33IRGZRG4 Datasheet
2Mb / 99P
[Old version datasheet]   Low Power Stereo Audio CODEC for Portable Audio/Telephony
DECEMBER 2008
logo
Burr-Brown (TI)
TLV320AIC33IRGZT BURR-BROWN-TLV320AIC33IRGZT Datasheet
1Mb / 93P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC33IRGZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com