Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X95840WV20I-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X95840WV20I-2.7
Description  Quad Digital Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95840WV20I-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X95840WV20I-2.7 Datasheet HTML 1Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 2Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 3Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 4Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 5Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 6Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 7Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 8Page - Intersil Corporation X95840WV20I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN8213.1
September 27, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Voltage at any digital interface pin
with respect to GND . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
Voltage at any DCP pin with respect to GND. . . . . . . . -0.3V to VCC
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300
°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mW
Wiper current of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL resistance
W, U versions respectively
10, 50
k
RH to RL resistance tolerance
-20
+20
%
RW
Wiper resistance
VCC = 3.3V @ 25°C
Wiper current = VCC / RTOTAL
70
200
CH/CL/CW
Potentiometer Capacitance (Note 15)
10/10/25
pF
ILkgDCP
Leakage on DCP pins (Note 15)
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RLi; VCC @ RHi; measured at RWi, unloaded; i = 0, 1, 2, or 3)
INL (Note 6) Integral non-linearity
-1
1
LSB
(Note 2)
DNL (Note 5) Differential non-linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 2)
ZSerror
(Note 3)
Zero-scale error
U option
0
1
7
LSB
(Note 2)
W option
0
0.5
2
FSerror
(Note 4)
Full-scale error
U option
-7
-1
0
LSB
(Note 2)
W option
-2
-1
0
VMATCH
(Note 7)
DCP to DCP matching
Any two DCPs at same tap position, same
voltage at all RH terminals, and same voltage
at all RL terminals
-2
2
LSB
(Note 2)
TCV (Note 8) Ratiometric Temperature Coefficient
DCP Register set to 80 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected. i = 0, 1, 2 or 3)
RINL
(Note 12)
Intregal non-linearity
DCP register set between 20 hex and
FF hex. Monotonic over all tap positions
-1
1
MI
(Note 9)
RDNL
(Note 11)
Differential non-linearity
-0.5
0.5
MI
(Note 9)
Roffset
(Note 10)
Offset
U option
0
1
7
MI
(Note 9)
W option
0
0.5
2
MI
(Note 9)
RMATCH
(Note 13)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages.
-2
2
MI
(Note 9)
TCR
(Note 14)
Resistance Temperature Coefficient
DCP register set between 20 hex and FF hex
±45
ppm/°C
X95840


Similar Part No. - X95840WV20I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840WV20I-2.7 INTERSIL-X95840WV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840WV20I-2.7 RENESAS-X95840WV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95840WV20I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com