Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X95840UV20I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X95840UV20I-2.7
Description  Quad Digital Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95840UV20I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X95840UV20I-2.7 Datasheet HTML 3Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 4Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 5Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 6Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 7Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 8Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 9Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 10Page - Intersil Corporation X95840UV20I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN8213.1
September 27, 2005
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 50kΩ (U)
FIGURE 2. STANDBY ICC vs VCC
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZSerror vs TEMPERATURE
FIGURE 6. FSerror vs TEMPERATURE
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
TAP POSITION (DECIMAL)
Vcc = 2.7, T = -40°C
Vcc = 2.7, T = 25°C
Vcc = 2.7, T = 85°C
Vcc = 5.5, T = 85°C
Vcc = 5.5, T = 25°C
Vcc = 5.5, T = -40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.7
3.2
3.7
4.2
4.7
5.2
VCC (V)
-40°C
85°C
25°C
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
50
100
150
200
250
TAP POSITION (DECIMAL)
Vcc = 2.7, T = -40°C
Vcc = 5.5, T = -40°C
Vcc = 2.7, T = 25°C
Vcc = 5.5, T = 25°C
Vcc = 2.7, T = 85°C
Vcc = 5.5, T = 85°C
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
50
100
150
200
250
TAP POSITION (DECIMAL)
Vcc = 5.5, T = -40°C
Vcc = 5.5, T = 25°C
Vcc = 2.7, T = -40°C
Vcc = 2.7, T = 25°C
Vcc = 2.7, T = 85°C
Vcc = 5.5, T = 85°C
0.15
0.2
0.25
0.3
0.35
0.4
-40
-20
0
2040
6080
TEMPERATURE (°C)
5.5V
2.7V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Vcc = 2.7V
Vcc = 5.5V
X95840


Similar Part No. - X95840UV20I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840UV20I-2.7 INTERSIL-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95840UV20I-2.7 RENESAS-X95840UV20I-2.7 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95840UV20I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com