Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ-M285RE Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BQ-M285RE
Description  FOUR DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BQ-M285RE Datasheet(HTML) 1 Page - Yellow Stone Corp

  BQ-M285RE Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BQ-M281RD
BQ-N281RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.5
BQ-M285RD
BQ-N285RD
BQ-M285RE
BQ-N285RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.0
BQ-M282RD
BQ-N282RD
GaP/ Green
568
30
80
30
150
2.2
2.5
2.5
BQ-M283RD
BQ-N283RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BQ-M284RD
BQ-N284RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
2.5
BQ-M286RD
BQ-N286RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
4.5
0.28"
Four-Digit
BQ-M28DRD
BQ-N28DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
5.5
FD-01
BQ-M301RD
BQ-N301RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BQ-M305RD
BQ-N305RD
BQ-M305RE
BQ-N305RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BQ-M302RD
BQ-N302RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BQ-M303RD
BQ-N303RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BQ-M304RD
BQ-N304RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BQ-M306RD
BQ-N306RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.30"
Four-Digit
BQ-M30DRD
BQ-N30DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
FD-02
FD-01
BQ- M
N28xRD
FD-02
BQ- M
N30xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect
.
B
11
A
D1
C
4
7
D
2
E
1
F
10
12
5
GDP
3
9
D2
E
F
DP
C
D
G
A
B
D4
D3
8
6
MIN.
E1.0(.039)
D1
D2
D3
D4
7.0(.275)
32.1(1.63)
10B
2.54x5=12.70(.500)
E0.50(.020)
3.00(.118)
5.8(.228)
10.0(.393)
4.5(.177)
8.3(.327)
D1
D1
PIN 1.
d2
d1
d3
+
d4
D2
d5
F
E
D3
d6
G
A
B
C
D4
2
d3.d4
16
4
C
14
A
13
B
18
E
3
D
15
F
11
G
D2
17
6
D3
5
12
D4
30(1.18)
14.0(.55)
2.54(0.1)
1.0(0.039)
3.00(.118)MIN.
8.4(.33)
E0.51(.02)
7.0(.276)
10.4(0.41)
BQ-N28xRD
BQ-M30xRD
D
+
PIN 1.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BQ-M285RE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M285RD BRIGHT-BQ-M285RD Datasheet
280Kb / 3P
   7.00mm (0.28) high four digit seven segments display
More results

Similar Description - BQ-M285RE

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BQ-A531RD YSTONE-BQ-A531RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BQ-M321RD ETC-BQ-M321RD Datasheet
123Kb / 1P
   FOUR DIGIT LED DISPLAYS
BQ-M411RD ETC-BQ-M411RD Datasheet
132Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456A MICRO-ELECTRONICS-MG456A Datasheet
76Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
CA04-41EWA KINGBRIGHT-CA04-41EWA Datasheet
164Kb / 5P
   10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS457A MICRO-ELECTRONICS-MS457A Datasheet
83Kb / 2P
   RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456FA-GD MICRO-ELECTRONICS-MG456FA-GD Datasheet
70Kb / 2P
   GREEN 0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com