Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34025DW Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34025DW
Description  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34025DW Datasheet(HTML) 3 Page - ON Semiconductor

  MC34025DW Datasheet HTML 1Page - ON Semiconductor MC34025DW Datasheet HTML 2Page - ON Semiconductor MC34025DW Datasheet HTML 3Page - ON Semiconductor MC34025DW Datasheet HTML 4Page - ON Semiconductor MC34025DW Datasheet HTML 5Page - ON Semiconductor MC34025DW Datasheet HTML 6Page - ON Semiconductor MC34025DW Datasheet HTML 7Page - ON Semiconductor MC34025DW Datasheet HTML 8Page - ON Semiconductor MC34025DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC34025 MC33025
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kΩ, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values
TA is the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage
VIO
15
mV
Input Bias Current
IIB
0.6
3.0
µA
Input Offset Current
IIO
0.1
1.0
µA
Open–Loop Voltage Gain (VO = 1.0 V to 4.0 V)
AVOL
60
95
dB
Gain Bandwidth Product (TJ = + 25°C)
GBW
4.0
8.3
MHz
Common Mode Rejection Ratio (VCM = 1.5 V to 5.5 V)
CMRR
75
95
dB
Power Supply Rejection Ratio (VCC = 10 V to 30 V)
PSRR
85
110
dB
Output Current, Source (VO = 4.0 V)
Output Current, Sink (VO = 1.0 V)
ISource
ISink
0.5
1.0
3.0
3.6
mA
Output Voltage Swing, High State (IO = – 0.5 mA)
Output Voltage Swing, Low State (IO = 1.0 mA)
VOH
VOL
4.5
0
4.75
0.4
5.0
1.0
V
Slew Rate
SR
6.0
12
V/
µs
PWM COMPARATOR SECTION
Ramp Input Bias Current
IIB
– 0.5
– 5.0
µA
Duty Cycle, Maximum
Duty Cycle, Minimum
DC(max)
DC(min)
80
90
0
%
Zero Duty Cycle Threshold Voltage Pin 3(4) (Pin 7(9) = 0 V)
Vth
1.1
1.25
1.4
V
Propagation Delay (Ramp Input to Output, TJ = + 25°C)
tPLH(in/out)
60
100
ns
SIFT–START SECTION
Charge Current (VSoft–Start = 0.5 V)
Ichg
3.0
9.0
20
µA
Discharge Current (VSoft–Start = 1.5 V)
Idischg
1.0
4.0
mA
CURRENT SENSE SECTION
Input Bias Current (Pin 9(12) = 0 V to 4.0 V)
IIB
15
µA
Current Limit Comparator Threshold
Sh td
C
t
Th
h ld
Vth
V
0.9
125
1.0
140
1.10
155
V
p
Shutdown Comparator Threshold
th
Vth
1.25
1.40
1.55
Propagation Delay (Current Limit/Shutdown to Output, TJ = + 25°C)
tPLH(in/out)
50
80
ns
OUTPUT SECTION
Output Voltage
Low State
(ISink = 20 mA)
(ISink = 200 mA)
High State
(ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
13
12
0.25
1.2
13.5
13
0.4
2.2
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 0.5 mA)
VOL(UVLO)
0.25
1.0
V
Output Leakage Current (VC = 20 V)
IL
100
500
µA
Output Voltage Rise Time (CL = 1.0 nF, TJ = + 25°C)
tr
30
60
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = + 25°C)
tf
30
60
ns
UNDERVOLTAGE LOCKOUT SECTION
Start–Up Threshold (VCC Increasing)
Vth(on)
8.8
9.2
9.6
V
UVLO Hysteresis Voltage (VCC Decreasing After Turn–On)
VH
0.4
0.8
1.2
V
TOTAL DEVICE
Power Supply Current
Start–Up (VCC = 8.0 V)
Operating
ICC
0.5
25
1.2
35
mA
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = – 40°C for MC33025
Thigh = +105°C for MC33025


Similar Part No. - MC34025DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025DW ONSEMI-MC34025DW Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34025DWG ONSEMI-MC34025DWG Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34025DWG ONSEMI-MC34025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025DWR2 ONSEMI-MC34025DWR2 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34025DWR2G ONSEMI-MC34025DWR2G Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
More results

Similar Description - MC34025DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com