Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKH500-14 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKH500-14
Description  SUPER MAGN-A-pak Power Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKH500-14 Datasheet(HTML) 2 Page - International Rectifier

  IRKH500-14 Datasheet HTML 1Page - International Rectifier IRKH500-14 Datasheet HTML 2Page - International Rectifier IRKH500-14 Datasheet HTML 3Page - International Rectifier IRKH500-14 Datasheet HTML 4Page - International Rectifier IRKH500-14 Datasheet HTML 5Page - International Rectifier IRKH500-14 Datasheet HTML 6Page - International Rectifier IRKH500-14 Datasheet HTML 7Page - International Rectifier IRKH500-14 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRK.500.. Series
2
Bulletin I27401 rev. A 09/97
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
/V
DRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
/I
DRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= T
J
max.
VV
mA
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700
IRK.500..
100
I
T(AV)
Maximum average on-state current
500
A
180° conduction, half sine wave
I
F(AV)
@ Case temperature
82
°C
I
T(RMS)
Maximum RMS on-state current
785
A
180° conduction, half sine wave @ T
C = 82°C
I
TSM
Maximum peak, one-cycle,
17.8
KA
t = 10ms
No voltage
I
FSM
non-repetitive surge current
18.7
t = 8.3ms
reapplied
15.0
t = 10ms
100% V
RRM
15.7
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
1591
KA2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
1452
t = 8.3ms
reapplied
1125
t = 10ms
100% V
RRM
1027
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
15910
KA2
√s t = 0.1 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold voltage
0.85
V
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
VT(TO)2 High level value of threshold voltage
0.93
(I >
π x I
T(AV)), TJ = TJ max.
rt1
Low level value of on-state slope resistance
0.36
m
(16.7% x
π x I
T(AV) < I < π x IT(AV) ), TJ = TJ max.
rt2
High level value of on-state slope resistance
0.32
(I >
π x I
T(AV)), TJ = TJ max.
V
TM
Maximum on-state or forward
1.50
V
I
pk
= 1500A, T
J = 25°C, tp
= 10ms sine pulse
V
FM
voltage drop
I
H
Maximum holding current
500
mA
T
J
= 25°C, anode supply 12V resistive load
I
L
Typical latching current
1000
Parameter
IRK.500..
Units Conditions
On-state Conduction
di/dt
Maximum rate of rise of turned-on
1000
A/µs
T
J = TJ max., ITM = 400A, VDRM applied
current
t
d
Typical delay time
2.0
µs
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM , TJ = 25°C
t
q
Typical turn-off time
200
µs
I
TM
= 750A, T
J
= T
J
max, di/dt = -60A/µs,
V
R
= 50V, dv/dt = 20V/µs, Gate 0 V 100
Parameter
IRK.500..
Units Conditions
Switching


Similar Part No. - IRKH500-14

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKH500 IRI-IRKH500 Datasheet
1Mb / 5P
   POWER MODULE
IRKH500/12 IRI-IRKH500/12 Datasheet
1Mb / 5P
   POWER MODULE
IRKH500/16 IRI-IRKH500/16 Datasheet
1Mb / 5P
   POWER MODULE
IRKH500/20 IRI-IRKH500/20 Datasheet
1Mb / 5P
   POWER MODULE
IRKH500/22 IRI-IRKH500/22 Datasheet
1Mb / 5P
   POWER MODULE
More results

Similar Description - IRKH500-14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com