Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKL500-14 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKL500-14
Description  SUPER MAGN-A-pak Power Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL500-14 Datasheet(HTML) 5 Page - International Rectifier

  IRKL500-14 Datasheet HTML 1Page - International Rectifier IRKL500-14 Datasheet HTML 2Page - International Rectifier IRKL500-14 Datasheet HTML 3Page - International Rectifier IRKL500-14 Datasheet HTML 4Page - International Rectifier IRKL500-14 Datasheet HTML 5Page - International Rectifier IRKL500-14 Datasheet HTML 6Page - International Rectifier IRKL500-14 Datasheet HTML 7Page - International Rectifier IRKL500-14 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRK.500.. Series
5
Bulletin I27401 rev. A 09/97
www.irf.com
Outline Table
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.500.. Series
R
(DC) = 0.065 K/W
thJC
60
70
80
90
100
110
120
130
0
100 200 300 400 500 600 700 800 900
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.500.. Series
R
(DC) = 0.065 K/W
thJC


Similar Part No. - IRKL500-14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL56/04A IRF-IRKL56/04A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL56/04AS90 IRF-IRKL56/04AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL56/06A IRF-IRKL56/06A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL56/06AS90 IRF-IRKL56/06AS90 Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL56/08A IRF-IRKL56/08A Datasheet
233Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKL500-14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com