Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK55GB40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # AK55GB40
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

AK55GB40 Datasheet(HTML) 1 Page - SanRex Corporation

  AK55GB40 Datasheet HTML 1Page - SanRex Corporation AK55GB40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
AK55GB40/80
THYRISTOR MODULE
UL;E76102
(M)
93.5max
80
16.5
23
23
3-M5
110TAB
2-φ6.5
32
1
Unit
:A
Symbol
Item
Conditions
Ratings
55
Unit
IT(AV)
Average On-State Current
IT(RMS)
R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:89℃
Tc
:89℃
ITSM
Surge On-State Current
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage
(Forward)
12cycle, 50Hz/60Hz, peak value, non-reqetitive
Value for one cycle of surge current
A
122
A
1000/1100
A
5000
10
A2S
W
3
VRGM
Peak Gate Voltage
(Reverse)
di/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
VISO
Isolation Breakdown Voltage
(R.M.S.)
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mounting
Torque
Mass
Mounting
(M6)
Terminal
(M5)
A.C. 1 minute
Recommended Value 2.5-3.9
(25-40)
Recommended Value 1.5-2.5
(15-25)
Typical Value
3
W
A
10
V
5
V
150
A/
μs
2500
V
−40 to +125
−40 to +125
4.7
(48)
2.7
(28)
170
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
20
Unit
IDRM
Repetitive Peak Off-State Current, max.
at VDRM, Single phase, half wave, Tj
=125℃
VTM
Peak On-State Voltage, max.
IGT/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-trigger Gate, Voltage, min
tgt
Turn On Time, max.
dv/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ
On-State Current 165A, Tj
=125℃Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
1.35
V
100/3
Tj
=125℃,VD12VDRM
IT
=55A,IG=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃,VD23VDRM,Exponential wave.
Tj
=25℃
IL
Lutching Current, typ
Rth
(j-c) Thermal Impedance, max.
Tj
=25℃
Junction to case, per 1
2 Module
500
μs
V/
μs
50
mA
100
mA
0.50
Junction to case, per 1 Module
0.25
℃/W
■Electrical Characteristics
Symbol
Item
AK55GB40
Ratings
AK55GB80
Unit
400
800
V
VDRM
Repetitive Peak Off-State Voltage
K1
A2・K1
A1K2
G1
K2
G2
1
2
3
Power ThyristorModule AK55GB series are designed for various rectifier circuits and
power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available, and electrically isolated mounting base make
your mechanical design easy.
Isolated mounting base
IT(AV)55A, IT(RMS)122A, ITSM 1100A
di/dt 150 A/
μs
dv/dt 500V/
μs
(Applications)
AC/DC motor drives
Heater controls
Light dimmers
Static switches
Internal Configurations
*mark:Thyristor and Diode part. No mark:Thyristor part
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
SanRex
®


Similar Part No. - AK55GB40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK55GB40 ETC1-AK55GB40 Datasheet
258Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - AK55GB40

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com