Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5756-6DQ Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA5756-6DQ
Description  UHF ASK/FSK TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5756-6DQ Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA5756-6DQ Datasheet HTML 6Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 7Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 8Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 9Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 10Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 11Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 12Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 13Page - ATMEL Corporation ATA5756-6DQ Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
ATA5756/ATA5757
4702H–RKE–09/04
Output power measurement can be done with the circuit as shown in Figure 9. Please
note that the component values must be changed to compensate the individual board
parasitics until the ATA5756/ATA5757 has the right load impedance. Also, the damping
of the cable used to measure the output power must be calibrated.
Figure 9. Output Power Measurement ATA5756/ATA5757
Table 2 and Table 3 show the output power and the supply current versus temperature
and supply voltage.
Table 2. Output Power and Supply Current versus Temperature and Supply
Voltage for the ATA5756 with Z
Load = 380 Ω + j340 Ω (Correlation Tested)
Ambient
Temperature
V
S = 2.0 V
(dBm/mA)
V
S = 3.0 V
(dBm/mA)
V
S = 3.6 V
(dBm/mA)
Tamb = -40°C
3.1 ±1.5 / 7.2
6.1 +2/-3 / 7.7
7.1 +2/-3 / 7.9
T
amb = +25°C
3.0 ±1.5 / 7.5
6.0 ±2 / 8.1
7.4 ±2 / 8.3
T
amb = +85°C
3.0 ±1.5 / 7.5
5.8 +2/-3 / 8.2
7.2 +2/-3 / 8.5
Tamb = +125°C
2.5 ±1.5 / 7.6
5.5 +2/-3 / 8.2
6.5 +2/-3 / 8.5
Table 3. Output Power and Supply Current versus Temperature and Supply
Voltage for the ATA5757 with Z
Load = 280 Ω + j310 Ω (Correlation Tested)
Ambient
Temperature
V
S = 2.0 V
(dBm/mA)
V
S = 3.0 V
(dBm/mA)
V
S = 3.6 V
(dBm/mA)
Tamb = -40°C
3.3 ±1.5 / 7.6
6.2 +2/-3 / 8.1
7.1 +2/-3 / 8.4
T
amb = +25°C
3.0 ±1.5 / 8.0
6.0 ±2 / 8.5
7.5 ±2 / 8.8
T
amb = +85°C
2.8 ±1.5 / 8.0
5.7 +2/-3 / 8.6
6.8 +2/-3 / 8.8
Tamb = +125°C
2.7 ±1.5 / 8.1
5.5 +2/-3 / 8.7
6.6 +2/-3 / 8.9
~
ANT2
ANT1
Rin
Power
meter
C1 = 1n
L1 = 68 nH/ 39 nH
C2 = 2.2 pF/1.8 pF
Z
Lopt
VS
Z = 50
50


Similar Part No. - ATA5756-6DQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756-6DQY ATMEL-ATA5756-6DQY Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA5756-6DQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com