Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3862 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMP-3862
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3862 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMP-3862 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3862 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Parameters (continued)
1000
100
10
10
20
30
FORWARD CURRENT (mA)
Figure 10. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltage. HSMP-3830 Series.
HSMP-3830
VR = 5V
VR = 10V
VR = 20V
1000
900
800
400
100
10
20
25
15
30
FORWARD CURRENT (mA)
Figure 11. Typical Reverse Recovery
Time vs. Reverse Voltage. HSMP-3880
Series.
700
600
500
200
300
VR = 5V
VR = 10V
VR = 20V
200
160
120
80
40
0
10
20
15
25
30
FORWARD CURRENT (mA)
Figure 12. Typical Reverse Recovery
Time vs. Reverse Voltage. HSMP-3890
Series.
VR = –2V
VR = –5V
VR = –10V
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 13. Forward Current vs.
Forward Voltage. HSMP-3800 Series.
125
°C 25°C –50°C
HSMP-3800
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 14. Forward Current vs.
Forward Voltage. HSMP-3810 and
HSMP-4810 Series.
HSMP-3810
HSMP-4810
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 15. Forward Current vs.
Forward Voltage. HSMP-3820 and
HSMP-4820 Series.
HSMP-382X
HSMP-482X
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 16. Forward Current vs.
Forward Voltage. HSMP-3830 Series.
HSMP-3830
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD CURRENT (mA)
Figure 17. Forward Current vs.
Forward Voltage. HSMP-3880 Series.
125
°C 25°C –55°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 18. Forward Current vs.
Forward Voltage. HSMP-3890 and
HSMP-4890 Series.
25
°C
125
°C
–55
°C


Similar Part No. - HSMP-3862

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3862 HP-HSMP-3862 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3862 AVAGO-HSMP-3862 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-3862 AVAGO-HSMP-3862 Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
HSMP-3862 AVAGO-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3862

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com