Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1848 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL1848
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1848 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL1848 Datasheet HTML 4Page - Intersil Corporation EL1848 Datasheet HTML 5Page - Intersil Corporation EL1848 Datasheet HTML 6Page - Intersil Corporation EL1848 Datasheet HTML 7Page - Intersil Corporation EL1848 Datasheet HTML 8Page - Intersil Corporation EL1848 Datasheet HTML 9Page - Intersil Corporation EL1848 Datasheet HTML 10Page - Intersil Corporation EL1848 Datasheet HTML 11Page - Intersil Corporation EL1848 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Waveforms
All performance curves and waveforms are taken with C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, L = 33µF, VIN = 3.3V, VCNTL = 1V, R1 =5Ω, 4 LEDs in a
series; unless otherwise specified.
FIGURE 13. START-UP
FIGURE 14. SHUT-DOWN
FIGURE 15. TRANSIENT RESPONSE
FIGURE 16. CONTINUOUS CONDUCTION MODE
FIGURE 17. DISCONTINUOUS CONDUCTION MODE
FIGURE 18. OVER VOLTAGE PROTECTION (LED
DISCONNECTED)
VIN
IIN
VCNTL
ILED
2V/DIV
50mA/DIV
1V/DIV
10mA/DIV
10ms/DIV
C3=4700pF
VCNTL
ILED
50mA/DIV
1V/DIV
10mA/DIV
IIN
0.1ms/DIV
VO
VCNTL
ILED
2V
1V
14.2V
12.9V
30mA
15mA
20ms/DIV
ILED=15mA
∆VIN
IL
VLX
∆VO
10mV/DIV
100mA/DIV
10V/DIV
50mV/DIV
1µs/DIV
VCTRL=0.34V, ILED=5mA
∆VIN
IL
VLX
∆VO
10mV/DIV
100mA/DIV
10V/DIV
50mV/DIV
1µs/DIV
VO (5V/DIV)
VCOMP (1V/DIV)
EL1848


Similar Part No. - EL1848

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWT-T7 RENESAS-EL1848IWT-T7 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWT-T7A RENESAS-EL1848IWT-T7A Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWTZ-T7 RENESAS-EL1848IWTZ-T7 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL1848IWTZT7A RENESAS-EL1848IWTZT7A Datasheet
693Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL1848

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513 Datasheet
321Kb / 12P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com