Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5027IWTZ-T7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5027IWTZ-T7A
Description  Dual 2.5MHz Rail-to-Rail Input-Output Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5027IWTZ-T7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5027IWTZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5027IWTZ-T7A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN7426.0
June 24, 2004
Applications Information
Product Description
The EL5027 unity gain buffer is fabricated using a high
voltage CMOS process. It exhibits rail-to-rail input and
output capability and has low power consumption (500µA
per buffer). These features make the EL5027 ideal for a wide
range of general-purpose applications. When driving a load
of 10k
Ω and 12pF, the EL5027 has a -3dB bandwidth of
2.5MHz and exhibits 2.2V/µs slew rate.
Operating Voltage, Input, and Output
The EL5027 is specified with a single nominal supply voltage
from 5V to 15V or a split supply with its total range from 5V
to 15V. Correct operation is guaranteed for a supply range of
4.5V to 16.5V. Most EL5027 specifications are stable over
both the full supply range and operating temperatures of
-40°C to +85°C. Parameter variations with operating voltage
and/or temperature are shown in the typical performance
curves.
The output swings of the EL5027 typically extend to within
80mV of positive and negative supply rails with load currents
of 5mA. Decreasing load currents will extend the output
voltage range even closer to the supply rails. Figure 1 shows
the input and output waveforms for the device. Operation is
from ±5V supply with a 10k
Ω load connected to GND. The
input is a 10VP-P sinusoid. The output voltage is
approximately 9.985VP-P.
FIGURE 18. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
Short-Circuit Current Limit
The EL5027 will limit the short-circuit current to ±120mA if
the output is directly shorted to the positive or the negative
supply. If an output is shorted indefinitely, the power
dissipation could easily increase such that the device may
be damaged. Maximum reliability is maintained if the output
continuous current never exceeds ±30mA. This limit is set by
the design of the internal metal interconnects.
Output Phase Reversal
The EL5027 is immune to phase reversal as long as the
input voltage is limited from VS- -0.5V to VS+ +0.5V. Figure 2
shows a photo of the output of the device with the input
voltage driven beyond the supply rails. Although the device's
Pin Descriptions
6-Pin tsot
Pin Name
Function
Equivalent Circuit
1
VINA
Buffer A Input
CIRCUIT 1
2
VS-
Negative Supply Voltage
3
VINB
Buffer B Input
(Reference Circuit 1)
4
VOUTB
Buffer B Output
CIRCUIT 2
5
VS+
Positive Supply Voltage
6
VOUTA
Buffer A Output
(Reference Circuit 2)
VS+
VS-
VS+
GND
VS-
5V
5V
10µs
VS=±5V
TA=25°C
VIN=10VP-P
EL5027


Similar Part No. - EL5027IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5027IWTZ-T7A INTERSIL-EL5027IWTZ-T7A Datasheet
200Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5027IWTZ-T7A RENESAS-EL5027IWTZ-T7A Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5027IWTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5027 INTERSIL-EL5027_07 Datasheet
200Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
   Rail to Rail Input-Output VCOM Buffer
logo
Intersil Corporation
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com