Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3813-BLK Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMP-3813-BLK
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3813-BLK Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMP-3813-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-3813-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Microstrip Shunt
Connections for
HSMP-48XX Series
In the diagram above, the
center conductor of the
microstrip line is interrupted
and leads 1 and 2 of the
HSMP-38XX series diode are
placed across the resulting gap.
This forces the 0.5 nH lead
inductance of leads 1 and 2 to
appear as part of a low pass
filter, reducing the shunt
parasitic inductance and
increasing the maximum
available attenuation. The 0.3 nH
of shunt inductance external
to the diode is created by the via
holes, and is a good estimate for
0.032" thick material.
Co-Planar Waveguide
Shunt Connection for
HSMP-48XX Series
Co-Planar waveguide, with
ground on the top side of the
printed circuit board, is shown
in the diagram above. Since it
eliminates the need for via holes
to ground, it offers lower shunt
parasitic inductance and higher
maximum attenuation when
compared to a microstrip circuit.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF*
1.5 nH
1.5 nH
*0.8 pF TYPICAL FOR HSMP-4820
Figure 34. Equivalent Circuit.
Figure 33. Circuit Layout.
*0.8 pF TYPICAL FOR HSMP-4820
Figure 36. Equivalent Circuit.
Figure 35. Circuit Layout.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
0.3 pF*
0.75 nH


Similar Part No. - HSMP-3813-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3813-BLKG AVAGO-HSMP-3813-BLKG Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-3813-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com