Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3832-BLK Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMP-3832-BLK
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3832-BLK Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSMP-3832-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-3832-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Parameters (continued)
Figure 19. Typical RF Resistance vs.
Forward Bias Current for HSMP-3860.
Figure 20. Forward Current vs.
Forward Voltage for HSMP-3860.
Figure 21. Typical Capacitance vs.
Reverse Bias for HSMP-3860.
0.01
100
1000
1
10
BIAS CURRENT (mA)
10
100
1
0.1
0
1.2
100
0.01
1.0
VF – FORWARD VOLTAGE (V)
1
10
0.6
0.2
0.4
0.8
0.1
020
0.5
0
15
VR – REVERSE VOLTAGE (V)
0.2
0.4
10
5
0.1
0.3
T
A = +125°C
T
A = +25°C
T
A = –50°C
T
A = +85°C
T
A = +25°C
T
A = –55°C
0.12 pF*
* Measured at -20 V
1.5
Rj
Rs
Lp
Cp
0.08 pF
Cj
2.0 nH
Rj =
12 Ω
I
0.9
RT = 1.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
Equivalent Circuit Model
HSMS-3860


Similar Part No. - HSMP-3832-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3832-BLKG AVAGO-HSMP-3832-BLKG Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
More results

Similar Description - HSMP-3832-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com