Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516AIYZT13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL1516AIYZT13
Description  Dual Ultra Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516AIYZT13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL1516AIYZT13 Datasheet HTML 7Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 8Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 9Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 10Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 11Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 12Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 13Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 14Page - Intersil Corporation EL1516AIYZT13 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN7328.0
May 4, 2005
FIGURE 33. LARGE SIGNAL STEP RESPONSE
FIGURE 34. SMALL SIGNAL STEP RESPONSE
FIGURE 35. SMALL SIGNAL STEP RESPONSE
FIGURE 36. SUPPLY CURRENT vs TEMPERATURE
FIGURE 37. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 38. SLEW RATE vs TEMPERATURE
Typical Performance Curves (Continued)
0.5V/DIV
100ns/DIV
VS=±2.5V
RL=500Ω
RF=620Ω
20mV/DIV
100ns/DIV
VS=±6V
RL=500Ω
RF=620Ω
20mV/DIV
100ns/DIV
VS=±2.5V
RL=500Ω
RF=620Ω
-40
150
0
120
10
9
7
5
3
2
DIE TEMPERATURE (°C)
6
4
40
80
140
-20
20
60
100
8
-40
150
0
120
500
450
350
250
200
DIE TEMPERATURE (°C)
400
300
40
80
140
-20
20
60
100
-40
150
0
120
200
160
120
80
40
0
DIE TEMPERATURE (°C)
40
80
140
-20
20
60
100
AV=+2V
VO=2VPP
RF=200Ω
RL=500Ω
EL1516, EL1516A


Similar Part No. - EL1516AIYZT13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIYZ RENESAS-EL1516AIYZ Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Intersil Corporation
EL1516AIYZ-T13 INTERSIL-EL1516AIYZ-T13 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ-T13 INTERSIL-EL1516AIYZ-T13 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516AIYZT13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com