Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V416BRT Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M5V416BRT
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V416BRT Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M5V416BRT Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V416BRT Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M ITSUBISHI ELECTRIC
M5M5V416BTP,RT
revision-P04, ' 98.12.16
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
DESCRIPTION
FEATURES
The M5M5V416B is a f amily of low v oltage 4-Mbit static RAMs
organized as 262,144-words by 16-bit, f abricated by
Mitsubishi's
high-perf ormance 0.25µm CMOS technology.
The M5M5V416B is suitable f or memory applications where a
simple interf acing , battery operating and battery backup are the
important design objectiv es.
M5M5V416BTP,RT are packaged in a 44-pin 400mil thin small
outline package. M5M5V416BTP (normal lead bend ty pe package)
, M5M5V416BRT (rev erse lead bend ty pe package) , both ty pes
are v ery easy t o design a printed circuit board.
From the point of operating temperature, the f amily is div ided into
three v ersions; "Standard", "W-v ersion", and "I-v ersion". Those are
summarized in the part name table below.
Single +2.7~+3.6V power supply
Small stand-by current: 0.3µA(3V,ty p.)
No clocks, No ref resh
Data retention supply v oltage=2.0V to 3.6V
All inputs and outputs are TTL compatible.
Easy memory expansion by S1, S2, BC1 and BC2
Common Data I/O
Three-state outputs: OR-tie capability
OE prev ents data contention in the I/O bus
Process technology: 0.25µm CMOS
Package: 44 pin 400mil TSOP (II)
PIN CONFIGURATION
* "ty pical" parameter is sampled, not 100% tested.
Outline:
44P3W-H/J
NC: No Connection
A0 ~ A17
DQ1 ~ DQ16
S1
W
OE
BC1
Address input
Data input / output
Chip select input 1
Write control input
Output enable input
Lower By te (DQ1 ~ 8)
Pin
Function
Vcc
GND
Power supply
Ground supply
BC2
Upper By te (DQ9 ~ 16)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
S1
DQ1
Vcc
GND
WE
A2
A1
A0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
A15
A14
A13
A12
A16
BC1
OE
BC2
A5
S2
A8
A9
A10
A11
DQ9
DQ10
DQ11
DQ12
Vcc
GND
DQ13
DQ14
DQ15
DQ16
A6
A7
A17
BC1
OE
A4
A3
BC2
S1
A5
DQ1
S2
Vcc
GND
WE
A8
A9
A10
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A2
A1
A0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
A15
A14
A13
A12
A16
DQ9
DQ10
DQ11
DQ12
Vcc
GND
DQ13
DQ14
DQ15
DQ16
A6
A7
A17
S2
Chip select input 2
85ns
100ns
70ns
100ns
100ns
100ns
70ns
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
2.7 ~ 3.6V
---
---
---
0.3µA
0.3µA
0.3µA
---
1µA
1µA
3µA
1µA
3µA
---
---
---
1µA
1µA
1µA
---
---
20µA
10µA
20µA
10µA
40µA
20µA
20µA
10µA
40µA
20µA
---
---
---
---
---
3µA
40mA
(10MHz)
5mA
(1MHz)
85ns
100ns
85ns
70ns
85ns
85ns
100ns
85ns
70ns
70ns
70ns
M5M5V416BTP , RT -85L
M5M5V416BTP , RT -70L
M5M5V416BTP , RT -10L
M5M5V416BTP , RT -70H
M5M5V416BTP , RT -85H
M5M5V416BTP , RT -10H
M5M5V416BTP , RT -85LW
M5M5V416BTP , RT -70LW
M5M5V416BTP , RT -10LW
M5M5V416BTP , RT -85HW
M5M5V416BTP , RT -70HW
M5M5V416BTP , RT -10HW
M5M5V416BTP , RT -85LI
M5M5V416BTP , RT -70LI
M5M5V416BTP , RT -10LI
M5M5V416BTP , RT -85HI
M5M5V416BTP , RT -70HI
M5M5V416BTP , RT -10HI
Version,
Operating
temperature
Standard
0 ~ +70°C
W-v ersion
-20 ~ +85°C
I-v ersion
-40 ~ +85°C
Part name
Power
Supply
Access time
max.
Stand-by c urrent Icc(PD), Vcc=3.0V
ty pical *
Ratings (max.)
Active
current
(3.0V, ty p.)
Icc1
70°C
85°C
25°C
25°C
40°C
40°C
1
44P3W-H
44P3W-J


Similar Part No. - M5M5V416BRT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V416BRT RENESAS-M5M5V416BRT Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BRT-70HI RENESAS-M5M5V416BRT-70HI Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416BRT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BWG MITSUBISHI-M5M5V416BWG Datasheet
107Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com