Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516AIYZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL1516AIYZ-T7
Description  Dual Ultra Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516AIYZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL1516AIYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 11Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 12Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 13Page - Intersil Corporation EL1516AIYZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN7328.0
May 4, 2005
FIGURE 27. CMRR
FIGURE 28. PSRR
FIGURE 29. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 30. VOLTAGE NOISE
FIGURE 31. DIFFERENTIAL GAIN/PHASE
FIGURE 32. LARGE SIGNAL STEP RESPONSE
Typical Performance Curves (Continued)
100K
1G
1M
-30
-50
-130
FREQUENCY (Hz)
10M
-110
VS=±6V
RL=1kΩ
-70
-90
100M
100K
1G
1M
-10
-30
-110
FREQUENCY (Hz)
10M
-90
VS=±6V
AV=+1
RL=500Ω
-50
-70
100M
PSRR+
PSRR-
10K
100M
100K
100
0.01
FREQUENCY (Hz)
1M
-0.1
10
1
10M
10
100K
10K
100
12
10
6
2
0
FREQUENCY (Hz)
1K
8
4
14
23
0.07
0.06
0.05
0.03
0.01
0
NUMBER OF 150
Ω LOADS
0.04
0.02
VS=±6V
AV=2
RF=620Ω
DIFF PHASE
DIFF GAIN
0.5V/DIV
100ns/DIV
VS=±6V
RL=500Ω
RF=620Ω
EL1516, EL1516A


Similar Part No. - EL1516AIYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516AIYZ-T7 INTERSIL-EL1516AIYZ-T7 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ-T7 INTERSIL-EL1516AIYZ-T7 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIYZ-T7 RENESAS-EL1516AIYZ-T7 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516AIYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com