Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5329IREZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5329IREZ-T13
Description  Multi-Channel Buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5329IREZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5329IREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5329IREZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7430.1
May 13, 2005
FIGURE 15. OVERSHOOT vs CAPACITANCE LOAD (VCOM)
FIGURE 16. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 17. SETTLING TIME vs STEP SIZE
FIGURE 18. TOTAL HARMONIC DISTORTION vs OUTPUT
VOLTAGE
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS=±7.5V
RL=10kΩ
VOPP=1V
0
200
400
600
800
CLOAD (pF)
10
50
30
40
0
20
1K
10K
100K
1M
10M
FREQUENCY (Hz)
1K
100
10
1
0
BUFFER
VS=±5V
VCOM
VS=±7.5V
RL=10kΩ
CL=8pF
2
3456
STEP SIZE (+V)
300
800
500
600
200
400
700
BUFFER
VCOM
VS=±5V
AV=+1
RL=1kΩ
FREQ=200kHz
BUFFER
VCOM
13
68
10
VOPP (V)
-70
0
-40
-20
-80
-60
-10
27
9
45
-50
-30
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
0.8
0.5
0.7
125
909mW
714mW
θJA=110°C/W
HTSSOP28
θJA=120°C/W
TSSOP28
θJA=125°C/W
HTSSOP20
833mW
800mW
θJA=140°C/W
TSSOP20
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - HTSSOP
EXPOSED DIEPAD SOLDERED TO PCB PER
JESD51-5
3.5
3
2.5
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
3.333W
2.857W
125
85
2
1.333W
1.111W
θJA=30°C/W
HTSSOP28
θJA=35°C/W
HTSSOP20
θJA=75°C/W
TSSOP28
θJA=90°C/W
TSSOP20
EL5129, EL5329


Similar Part No. - EL5329IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5329IREZ-T13 RENESAS-EL5329IREZ-T13 Datasheet
1,016Kb / 13P
   Multi-Channel Buffers
More results

Similar Description - EL5329IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5129 RENESAS-EL5129 Datasheet
1,016Kb / 13P
   Multi-Channel Buffers
logo
Intersil Corporation
ISL24003 INTERSIL-ISL24003 Datasheet
535Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Fairchild Semiconductor
MM74C906 FAIRCHILD-MM74C906 Datasheet
53Kb / 5P
   Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers
logo
Xilinx, Inc
DS626 XILINX-DS626 Datasheet
708Kb / 21P
   Parameterizable depth of channel buffers
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
National Semiconductor ...
MM54C906 NSC-MM54C906 Datasheet
106Kb / 4P
   Hex Open Drain N, P-Channel Buffers
logo
Maxim Integrated Produc...
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com