Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B431
Description  2.5V Adjustable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B431 Datasheet HTML 1Page - List of Unclassifed Manufacturers B431 Datasheet HTML 2Page - List of Unclassifed Manufacturers B431 Datasheet HTML 3Page - List of Unclassifed Manufacturers B431 Datasheet HTML 4Page - List of Unclassifed Manufacturers B431 Datasheet HTML 5Page - List of Unclassifed Manufacturers B431 Datasheet HTML 6Page - List of Unclassifed Manufacturers B431 Datasheet HTML 7Page - List of Unclassifed Manufacturers B431 Datasheet HTML 8Page - List of Unclassifed Manufacturers B431 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
The Electrical Grade & Type is specified on shipping Box Only
2.5V Adjustable Shunt Regulator
B431
Package Information
Ordering Information
Bottom View
TO-92 (Z)
13
2
Ref
Anode Cath
Top View
2
1
3
4
8
7
6
5
8-Pin Surface Mount (M)
Package
Tolerance
0.5%
1%
1%
2%
TO-92
B431AZ
B431BZ
B431DBZ
B431CZ
SOT-89
B431AR
B431BR
B431DBR
B431CR
8SOIC
B431AM
B431BM
B431DBM
B431CM
Description
The Bay Linear B431 is a three terminal adjustable shunt
regulator with thermal stability over Temperature range. Using
two external resistors allows the output voltage to be adjusted
from 2.5V to 36V. With a sharp turn on characteristics the
B431 a superior replacement for zener diode applications.
The B431 shunt regulator has a tolerance of 0.5% which has
proven to be sufficient to overcome all of the other errors in
the system to virtually eliminate the need for trimming in the
power supply manufacturers assembly line and contribute a
significant cost savings.
Features
Wide Operating Range …1mA to100mA
Tight Band Gap Tolerance …….… 0.5%
Low Temp. Coefficient………..30 ppm/oC
Wide temp range of –40 to +105oC
Available in TO92, SOT-89, SO-8
Applications
Switching Power Supplies
Adjustable Power Supplies
Linear Regulators
Battery Powered Equipment
Monitors, TV, VCR
Instrumentation
Bay Linear
Inspire the Linear Power


Similar Part No. - B431

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
More results

Similar Description - B431

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com