Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34080 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC34080
Description  HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34080 Datasheet(HTML) 5 Page - ON Semiconductor

  MC34080 Datasheet HTML 1Page - ON Semiconductor MC34080 Datasheet HTML 2Page - ON Semiconductor MC34080 Datasheet HTML 3Page - ON Semiconductor MC34080 Datasheet HTML 4Page - ON Semiconductor MC34080 Datasheet HTML 5Page - ON Semiconductor MC34080 Datasheet HTML 6Page - ON Semiconductor MC34080 Datasheet HTML 7Page - ON Semiconductor MC34080 Datasheet HTML 8Page - ON Semiconductor MC34080 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC34080 thru MC34085
5
MOTOROLA ANALOG IC DEVICE DATA
Sink
Source
VCC/VEE = ±15 V
RL ≤ 0.1 Ω
∆Vin = 1.0 V
VCC/VEE = +15 V
RL to VCC
TA = 25°C
VEE
VCC
VCC/VEE = ±15 V
TA = 25°C
VCC
VEE
VCC/VEE = +15 V to +22 V
TA = 25°C
VCC
VEE
Sink
Source
Figure 3. Input Bias Current versus
Input Common Mode Voltage
Figure 4. Output Voltage Swing
versus Supply Voltage
Figure 5. Output Saturation versus
Load Current
Figure 6. Output Saturation vesus
Load Resistance to Ground
Figure 7. Output Saturation versus
Load Resistance to VCC
Figure 8. Output Short Circuit Current
versus Temperature
–12
–8.0
–4.0
0
4.0
8.0
12
VIC, INPUT COMMON MODE VOLTAGE (V)
VCC/VEE = ±15 V
TA = 25°C
0
±5.0
±10
±15
±20
±25
VCC |VEE|, SUPPLY VOLTAGE (V)
RL = 10 k
RL Connected to Ground
TA = 25°C
RL = 2.0 k
0
4.0
8.0
12
16
IL, LOAD CURRENT (±mA)
300
3.0 k
30 k
300 k
RL, LOAD RESISTANCE TO GROUND (Ω)
300
3.0 k
30 k
300 k
RL, LOAD RESISTANCE TO VCC (Ω)
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
140
120
100
80
60
40
20
50
40
30
20
10
0
0
–1.0
–2.0
–3.0
1.0
0
0
–2.0
–4.0
2.0
1.0
0
0
–0.4
–0.8
2.0
1.0
0
40
30
10
0
20


Similar Part No. - MC34080

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34080 MOTOROLA-MC34080 Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080AD MOTOROLA-MC34080AD Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080AP MOTOROLA-MC34080AP Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080D MOTOROLA-MC34080D Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080P MOTOROLA-MC34080P Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - MC34080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com