Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431DBZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # B431DBZ
Description  2.5V Adjustable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431DBZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button B431DBZ Datasheet HTML 3Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 4Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 5Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 6Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 7Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 8Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 9Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 10Page - List of Unclassifed Manufacturers B431DBZ Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431
TO-92
1
2
3
0.055 (1.397)
0.045 (1.143)
0.145 (3.683)
0.135 (3.429)
10° typ.
BOTTOM VIEW
0.185 (4.699)
0.045 (1.143)
0.185 (4.699)
0.175 (4.445)
0.085 (2.159) Diameter
0.090 (2.286) typ.
Seating Plane
0.016 (0.406)
0.014 (0.356)
0.055 (1.397)
0.045 (1.143)
0.105 (2.667)
0.095 (2.413)
0.500 (12.70) Min.
0.025 (0.635) Max
Uncontrolled
Lead Diameter
5° typ.
5° typ.
0.090 (2.286) Radius typ.
0.0155 (0.3937)
0.0145 (0.3683)


Similar Part No. - B431DBZ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
More results

Similar Description - B431DBZ

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com