Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431DBM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B431DBM
Description  2.5V Adjustable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431DBM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button B431DBM Datasheet HTML 3Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 4Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 5Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 6Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 7Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 8Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 9Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 10Page - List of Unclassifed Manufacturers B431DBM Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431
TYPICAL PERFORMANCE CURVES
Figure 8
f - Frequency (Hz)
20
10
10
100
1 k
10 k
100 k
0
Noise Voltage
70
30
40
50
60
V
KA= VREF
I
K = 10 mA
T
A = 25°C
T
A - Free Air Temperature
Figure 9
Low Frequency Dynamic Output Impedance
-60
-30
0
30
60
90
120
0.0
V
KA = VREF
I
KA = 1 to 100 mA
f < 1 kHz
0.025
0.050
0.075
0.100
0.125
0.150
Figure 7
Reference Voltage Line Regulation
V
KA - Cathode Voltage (V)
0
-10
-20
-30
-40
-50
T
A - Ambient Temperature ( °C)
Figure 6
Reference Input Current
-60
-30
0
30
60
90
120
0
R1 = 10 k
R2 =
I
K = 10 mA
0.5
1.0
1.5
2.0
2.5
3.0
18
0
3
6
9
12
15
105 °C
75 °C
25 °C
0 °C


Similar Part No. - B431DBM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
More results

Similar Description - B431DBM

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com