Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25811 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25811
Description  Spread Spectrum Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25811 Datasheet HTML 3Page - Cypress Semiconductor CY25811 Datasheet HTML 4Page - Cypress Semiconductor CY25811 Datasheet HTML 5Page - Cypress Semiconductor CY25811 Datasheet HTML 6Page - Cypress Semiconductor CY25811 Datasheet HTML 7Page - Cypress Semiconductor CY25811 Datasheet HTML 8Page - Cypress Semiconductor CY25811 Datasheet HTML 9Page - Cypress Semiconductor CY25811 Datasheet HTML 10Page - Cypress Semiconductor CY25811 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 9 of 11
Package Drawing and Dimensions
CY25811ZXC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25811ZXCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY25812SXC
8-pin SOIC
Commercial, 0
° to 70°C
CY25812SXCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25812SXI
8-pin SOIC
Industrial, –40° to 85°C
CY25812SXIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C
CY25812ZXC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25812ZXCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY25814SXC
8-pin SOIC
Commercial, 0
° to 70°C
CY25814SXCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25814SXI
8-pin SOIC
Industrial, –40° to 85°C
CY25814SXIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C
CY25814ZXC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25814ZXCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
Ordering Information (continued)
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN1IDISOPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
51-85066-*C
8-lead (150-Mil) SOIC S8


Similar Part No. - CY25811

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811 CYPRESS-CY25811 Datasheet
328Kb / 13P
   Spread Spectrum Clock Generator
CY25811SCT CYPRESS-CY25811SCT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SI CYPRESS-CY25811SI Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25811SIT CYPRESS-CY25811SIT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25811

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com