Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34081BP Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC34081BP
Description  HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34081BP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34081BP Datasheet HTML 2Page - ON Semiconductor MC34081BP Datasheet HTML 3Page - ON Semiconductor MC34081BP Datasheet HTML 4Page - ON Semiconductor MC34081BP Datasheet HTML 5Page - ON Semiconductor MC34081BP Datasheet HTML 6Page - ON Semiconductor MC34081BP Datasheet HTML 7Page - ON Semiconductor MC34081BP Datasheet HTML 8Page - ON Semiconductor MC34081BP Datasheet HTML 9Page - ON Semiconductor MC34081BP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34080 thru MC34085
6
MOTOROLA ANALOG IC DEVICE DATA
VCC/VEE = ±15 V
VCM = 0
VO = 0
∆IO = ±0.5 mA
TA = 25°C
Decompensated
Units Only
AV = 1000
AV = 100
AV = 2.0
AV = 10
Figure 9. Output Impedance versus Frequency
Figure 10. Output Impedance versus Frequency
Figure 11. Output Voltage Swing
versus Frequency
Figure 12. Output Distortion versus Frequency
Figure 13. Open Loop Voltage Gain
versus Temperature
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
10 M
AV = 10
VCC/VEE = ±15 V
VCM = 0
VO = 0
∆IO = ±0.5 mA
TA = 25°C
Compensated
Units Only
AV = 1000
AV = 100
AV = 1000
AV = 1.0
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
10 M
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
AV = 1.0*
f, FREQUENCY (Hz)
AV = 10
VCC/VEE = ±15 V
VO = 2.0 Vpp
RL = 2.0 k
TA = 25°C
*Compensated
Units Only
–55
–25
0
25
75
100
50
125
TA, AMBIENT TEMPERATURE (°C)
VCC/VEE = ±15 V
VO = –10 V to +10 V
RL = 10 k
f
≤ 10 Hz
80
60
40
20
0
80
60
40
20
0
28
24
20
16
12
8.0
4.0
0
0.5
0.4
0.3
0.2
0.1
0
1.08
1.04
1.00
0.96
0.92
VCC/VEE = ±15 V
RL = 2.0 k
THD = 1.0%
TA = 25°C
Decompensated
Units AV = –1.0
Compensated
Units AV = +1.0
AV = 1000
AV = 100


Similar Part No. - MC34081BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34081AD MOTOROLA-MC34081AD Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34081AP MOTOROLA-MC34081AP Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34081D MOTOROLA-MC34081D Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34081P MOTOROLA-MC34081P Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - MC34081BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com