Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3863-TR1 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMP-3863-TR1
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3863-TR1 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMP-3863-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3863-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Typical Parameters at T
A = 25°C (unless otherwise noted), Single Diode
Figure 2. RF Capacitance vs. Reverse
Bias, HSMP-3830 Series.
0.15
0.30
0.25
0.20
0.35
0.40
0.45
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
Figure 1. RF Capacitance vs. Reverse
Bias, HSMP-3810 Series.
Figure 3. Resistance at 25
°C vs.
Forward Bias Current.
1 MHz
30 MHz
frequency>100 MHz
0.15
0.30
0.25
0.20
0.35
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
1 GHz
100 MHz
1 MHz
10000
1000
100
10
1
0.1
IF – FORWARD BIAS CURRENT (mA)
0.01
0.1
1
10
100
3000
1000
100
10
1
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85°C
T
A = +25°C
T
A = –55°C
10000
1000
100
10
1
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85°C
T
A = +25°C
T
A = –55°C
Figure 5. RF Resistance vs. Forward
Bias Current for HSMP-3810/
HSMP-4810.
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
10203040
50
VR – REVERSE VOLTAGE (V)
HSMP-382X
HSMP-3880
HSMP-3800
HSMP-3890
HSMP-381X
HSMP-3830
Figure 6. Capacitance vs. Reverse
Voltage.
Figure 4. RF Resistance vs. Forward
Bias Current for HSMP-3800.
120
110
100
90
80
70
60
50
40
1000
100
10
Diode Mounted as a
Series Attenuator
in a 50 Ohm Microstrip
and Tested at 123 MHz
DIODE RF RESISTANCE (OHMS)
Figure 7. 2nd Harmonic Input
Intercept Point vs. Diode RF
Resistance for Attenuator Diodes.
HSMP-3810
HSMP-3830
HSMP-3830
120
115
110
105
100
95
90
85
110
30
IF – FORWARD BIAS CURRENT (mA)
Figure 8. 2nd Harmonic Input
Intercept Point vs. Forward Bias
Current for Switch Diodes.
HSMP-3880
HSMP-3820
HSMP-3880
HSMP-3830
HSMP-3890
Diode Mounted as a
Series Attenuator in a
50 Ohm Microstrip and
Tested at 123 MHz
FORWARD CURRENT (mA)
Figure 9. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltages. HSMP-3820 Series.
1
10
100
10
20
30
V
R = 2 V
V
R = 5 V
V
R = 10 V
HSMP-382X
HSMP-381x, /HSMP-4810
HSMP-382x, -4820
HSMP-383x, -386x


Similar Part No. - HSMP-3863-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3863-TR1 HP-HSMP-3863-TR1 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
More results

Similar Description - HSMP-3863-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com