Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4541BN Datasheet(PDF) 3 Page - Integral Corp.

Part # IW4541BN
Description  Programmable Timer High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4541BN Datasheet(HTML) 3 Page - Integral Corp.

  IW4541BN Datasheet HTML 1Page - Integral Corp. IW4541BN Datasheet HTML 2Page - Integral Corp. IW4541BN Datasheet HTML 3Page - Integral Corp. IW4541BN Datasheet HTML 4Page - Integral Corp. IW4541BN Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IW4541B
175
DC ELECTRICAL CHARACTERISTICS Digital Section
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥ -55
°C
≤ 25
°C
≤ 125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.5V or VCC-0.5V
VOUT=1.0V or VCC-1.0V
VOUT=1.5V or VCC-1.5V
5
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.5V or VCC-0.5V
VOUT=1.0V or VCC-1.0V
VOUT=1.5V or VCC-1.5V
5
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
µA
IOL
Minimum Output Low
(Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
1.9
5
12.6
1.55
4
10
1.08
2.8
7.2
mA
IOH
Minimum Output High
(Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-6.2
-1.9
-5
-12.6
-5
-1.55
-4
-10
-3
-1.08
-2.8
-7.2
mA


Similar Part No. - IW4541BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4541BN IKSEMICON-IW4541BN Datasheet
204Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
More results

Similar Description - IW4541BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4541B KODENSHI-KK4541B Datasheet
285Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4541B IKSEMICON-IW4541B Datasheet
204Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com