Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP460 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KP460
Description  Polypropylene film foil capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KP460 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KP460 Datasheet HTML 3Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 4Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 5Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 6Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 7Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 8Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 9Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 10Page - List of Unclassifed Manufacturers KP460 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2001 Jun 22
7
BCcomponents
Product specification
Polypropylene film foil capacitors
KP 461
KP 461 GENERAL DATA
Specific reference data for the 160 V DC capacitors
Available 160 V DC versions
Available on request
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 100 kHz
1000 pF
< C ≤ 5000 pF
≤5 × 10−4
≤10 × 10−4
5000 pF
< C ≤ 20000 pF
≤5 × 10−4
≤15 × 10−4
20000 pF
< C ≤ 39000 pF
≤5 × 10−4
≤25 × 10−4
Rated voltage pulse slope (dU/dt)R at 160 V (DC)
10000 V/
µs
R between leads; at 100 V; 1 minute
>100000 MΩ
R between interconnected leads and case; 100 V; 1 minute
>100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
320 V; 1 minute
Withstanding (DC) voltage between leads and case
400 V; 1 minute
PACKAGING
C-tol
FIRST 8 DIGITS OF
CATALOGUE NUMBER
ORDERING
Taped on reel
±1%
2222 461 8....
preferred
±2%
2222 461 7....
preferred
±5%
2222 461 6....
on request
Loose in box
±1%
2222 461 4....
on request
±2%
2222 461 3....
on request
±5%
2222 461 2....
on request
Unidirectional
±1%
2222 461 1....
on request
±2%
2222 461 0....
on request
PACKAGING
TAPE DISTANCE (mm)
Taped in ammopack
52.5
63.5
Taped on reel
52.5
Fig.5 Outlines.
Dimensions in mm.
(1) ltot ≤ 13 mm for lmax = 11 mm
ltot ≤ 16 mm for lmax = 15 mm.
(2) Hole
∅1.0.
296x12(full_width)
Ø1.3
Ød
lt
lt
ltot (1)
lmax
≤1
≤1
dmax
7.2 max
16.5
5.08+0.4
-0.2
seating plane (2)
Ødt
CBA370
lmax
ltot


Similar Part No. - KP460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
   Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Revision: 25-Aug-03
KP460 VISHAY-KP460 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
Shenzhen Luguang Electr...
KP4600A LUGUANG-KP4600A Datasheet
3Mb / 4P
   Phase control thyristor
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
More results

Similar Description - KP460

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com