Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V657S10DR Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70V657S10DR
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V657S10DR Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70V657S10DR Datasheet HTML 2Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 3Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 4Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 5Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 6Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 7Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 8Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 9Page - Integrated Device Technology IDT70V657S10DR Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
Pin Names
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on I/OX.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VIH (3.3V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VIL (0V), then that
port's I/Os and controls will operate at 2.5V levels and VDDQX must be supplied
at 2.5V. The OPT pins are independent of one another—both ports can operate
at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V
with the other at 2.5V.
3. Addresses A16x is a NC for IDT70V658. Also, Addresses A16x and A15x are
NC's for IDT70V657.
4. BUSY is an input as a slave (M/S = VIL).
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables - (Input)
R/WL
R/WR
Read/Write Enable - (Input)
OEL
OER
Output Enable - (Input)
A0L - A16L(3)
A0R - A16R(3)
Address - (Input)
I/O0L - I/O35L
I/O0R - I/O35R
Data Input/Output
SEML
SEMR
Semaphore Enable - (Input)
INTL
INTR
Interrupt Flag - (Output)
BUSYL
BUSYR
Busy Flag - (Output)(4)
BE0L
- BE3L
BE0R
- BE3R
Byte Enables (9-bit bytes) - (Input)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V) - (Input)(1)
OPTL
OPTR
Option for selecting VDDQX - (Input)(1,2)
M/S
Master or Slave Select - (Input)
VDD
Power (3.3V) - (Input)(1)
VSS
Ground (0V) - (Input)
TDI
Test Data Input
TDO
Test Data Output
TCK
Test Logic Clock (10MHz)
TMS
Test Mode Select
TRST
Reset (Initialize TAP Controller)
4869 tbl 01


Similar Part No. - IDT70V657S10DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V657S ETC2-IDT70V657S Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V657S10DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659_18 Datasheet
234Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com