Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3812-TR2 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMP-3812-TR2
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3812-TR2 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMP-3812-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3812-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings[1] T
A = 25°C
Symbol
Parameter
Units
Absolute Maximum
I
f
Forward Current (1 ms Pulse)
Amp
1
P
t
Total Device Dissipation
mW[2]
250
P
iv
Peak Inverse Voltage
Same as V
BR
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to
this device.
2. CW Power Dissipation at TLEAD = 25°C. Derate to zero at maximum rated temperature.
PIN Switching Diodes
Electrical Specifications T
A
= 25
°C
Nearest
Maximum
Equivalent
Minimum
Maximum
Maximum
Shunt Mode
Part
Package
Axial Lead
Breakdown
Series
Total
Harmonic
Number
Marking
Lead
Part No.
Voltage
Resistance
Capacitance
Distortion
HSMP-
Code[1]
Code
Configuration
5082-
VBR (V)
RS (Ω)CT (pF)
Hmd (dBc)
3820
F0
0
Single
3188
50
0.6*
0.8*
3822
F2
2
Series
3823
F3
3
Common Anode
3824
F4
4
Common Cathode
3880
S0
0
Single
100
6.5
0.40
–55
3890
G0
0
Single
100
2.5
0.30**
3892
G2
2
Series
3893
G3
3
Common Anode
3894
G4
4
Common Cathode
3895
G5
5
Unconnected Pair
Test Conditions
V
R = VBR
I
F = 5 mA
V
R = 50 V
2 f
o, Zo = 50 W
Measure
f = 100 MHz
f = 1 MHz
fo = 400 MHz
IR ≤ 10 µAIF = 10 mA*
VR = 20 V*
Pin = +30 dBm
V
R = 5 V**
0 V bias
Note:
1. Package marking code is white.
PIN Attenuator Diodes
Electrical Specifications T
A
= 25
°C (Each Diode)
Nearest
Equivalent
Minimum
Maximum
Maximum
Minimum
Maximum
Part
Package
Axial Lead Breakdown
Series
Total
High
Low
Number
Marking
Lead
Part No.
Voltage
Resistance
Capacitance
Resistance
Resistance
HSMP-
Code[1]
Code
Configuration
5082-
V
BR (V)
R
S (Ω)CT (pF)
R
H (Ω)RL (Ω)
3800
D0
0
Single
3080
100
2.0
0.37
1000
8
3802
D2
2
Series
3804
D4
4
Common Cathode
3810
E0
0
Single
3081
100
3.0
0.35
1500
10
3812
E2
2
Series
3813
E3
3
Common Anode
3814
E4
4
Common Cathode
Test Conditions
V
R = VBR
I
F = 100 mA
V
R = 50 V
I
F = 0.01 mA
I
F = 20 mA
Measure
f = 100 MHz
f = 1 MHz
f = 100 MHz
f= 100 MHz
IR ≤ 10 µA


Similar Part No. - HSMP-3812-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3812-TR2G AVAGO-HSMP-3812-TR2G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results

Similar Description - HSMP-3812-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com