Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP540D Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # SBFP540D
Description  SBFP540D
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540D Datasheet(HTML) 5 Page - Sanyo Semicon Device

  SBFP540D Datasheet HTML 1Page - Sanyo Semicon Device SBFP540D Datasheet HTML 2Page - Sanyo Semicon Device SBFP540D Datasheet HTML 3Page - Sanyo Semicon Device SBFP540D Datasheet HTML 4Page - Sanyo Semicon Device SBFP540D Datasheet HTML 5Page - Sanyo Semicon Device SBFP540D Datasheet HTML 6Page - Sanyo Semicon Device SBFP540D Datasheet HTML 7Page - Sanyo Semicon Device SBFP540D Datasheet HTML 8Page - Sanyo Semicon Device SBFP540D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SBFP540D
No.7412-5/13
S パラメータ(エミッタ接地)
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.868
--19.7
10.544
160.3
0.020
79.9
0.965
--13.4
400
0.836
--36.6
8.931
147.2
0.037
69.5
0.886
--25.0
600
0.764
--58.5
9.686
135.5
0.048
59.7
0.799
--33.7
800
0.713
--74.2
8.612
125.7
0.058
54.4
0.714
--41.0
1000
0.658
--89.1
7.808
116.6
0.064
50.3
0.635
--46.7
1200
0.592
--105.4
7.463
107.8
0.070
47.8
0.572
--50.3
1400
0.557
--116.7
6.715
101.6
0.074
44.8
0.529
--53.4
1600
0.533
--126.1
6.042
96.5
0.077
44.3
0.477
--56.6
1800
0.513
--134.2
5.454
91.9
0.081
43.3
0.443
--58.1
2000
0.498
--141.2
4.966
88.0
0.084
42.6
0.415
--59.8
2200
0.482
--148.1
4.580
84.2
0.088
42.7
0.392
--61.3
2400
0.476
--153.6
4.206
81.0
0.091
42.7
0.372
--62.7
2600
0.466
--159.4
3.928
77.8
0.094
42.6
0.355
--63.9
2800
0.459
--164.5
3.670
74.8
0.098
43.2
0.340
--65.0
3000
0.454
--169.0
3.438
72.0
0.101
43.6
0.328
--65.9
3200
0.449
--173.6
3.255
69.4
0.105
43.5
0.318
--67.3
3400
0.446
--177.7
3.071
66.8
0.109
43.8
0.309
--68.4
3600
0.444
178.4
2.919
64.3
0.113
44.1
0.302
--69.8
3800
0.442
174.6
2.783
61.8
0.117
44.2
0.295
--70.9
4000
0.441
171.1
2.650
59.4
0.121
44.2
0.289
--72.1
4200
0.440
167.6
2.538
57.1
0.126
44.2
0.283
--73.6
4400
0.439
164.3
2.431
54.8
0.131
44.2
0.279
--75.1
4600
0.440
161.0
2.331
52.5
0.136
44.4
0.275
--76.5
4800
0.439
157.9
2.244
50.3
0.141
44.2
0.271
--78.2
5000
0.439
154.8
2.157
48.2
0.146
44.0
0.268
--79.8
5200
0.439
151.8
2.086
46.0
0.150
43.6
0.265
--81.4
5400
0.439
148.9
2.016
43.9
0.156
43.2
0.263
--83.2
5600
0.440
145.9
1.949
41.8
0.162
42.8
0.259
--84.9
5800
0.440
143.2
1.886
39.7
0.167
42.4
0.257
--86.8
6000
0.441
140.4
1.828
37.7
0.172
42.1
0.255
--88.6


Similar Part No. - SBFP540D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com