Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCF-551K05FKR36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CCF-551K05FKR36
Description  Metal Film Resistors, Industrial, 1% Tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF-551K05FKR36 Datasheet(HTML) 2 Page - Vishay Siliconix

  CCF-551K05FKR36 Datasheet HTML 1Page - Vishay Siliconix CCF-551K05FKR36 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
17
CCF55, CCF60
Vishay Dale
Document Number: 31015
Revision 05-Oct-05
For Technical Questions, contact ff3dresistors@vishay.com
* Test Methods per MIL-STD-202G/IEC 60115/DIN EN 140000 (as applicable).
GLOBAL
MODEL
CCF55
(Sn/Pb)
CCF55
(Sn)
PERFORMANCE
POWER RATING @ + 70
°C
CCF55
1/4 watt
1/2 watt
CCF60
1/2 watt
3/4 watt and 1 watt
TEST*
MAXIMUM
R
MAXIMUM
R
Thermal Shock
± 0.5%
-
Short Time Overload
± 0.5%
-
Low Temperature Operation
± 0.5%
-
Moisture Resistance
± 1.5%
-
Resistance to Soldering Heat
± 0.5%
-
Shock / Bump
± 0.5%
-
Vibration
± 0.5%
-
Life
± 0.5%
± 1.0%
Terminal Strength
± 0.2%
-
Dielectric Withstanding Voltage
± 0.5%
-
A
0.245 ± 0.020
[6.22 ± 0.51]
0.245 ± 0.020
[6.22 ± 0.51]
B
0.090 ± 0.008
[2.29 ± 0.20]
0.090 ± 0.008
[2.29 ± 0.20]
C
(Max.)
0.265
[6.73]
0.265
[6.73]
D
0.025 ± 0.002
[0.64 ± 0.05]
0.023 ± 0.002
[0.60 ± 0.05]
E
1.100 ± 0.040
[27.94 ± 1.02]
1.100 ± 0.040
[27.94 ± 1.02]
DIMENSIONS
in inches [millimeters]
Metal Film Resistors, Industrial, ± 1% Tolerance
D
B
A
E
C
Max.
Vishay Dale Models CCF55 and CCF60 are available in the
standard 96 resistance values per decade. Values are obtained
from the following decade table by multiplying by powers of 10.
As an example: 30.1 can represent 30.1 ohm, 301 ohm, 3.01
kohm, 30.1 kohm or 301 kohm.
10.0
10.2
10.5
10.7
11.0
11.3
11.5
11.8
12.1
12.4
12.7
13.0
13.3
13.7
14.0
14.3
14.7
15.0
15.4
15.8
16.2
16.5
16.9
17.4
17.8
18.2
18.7
19.1
19.6
20.0
20.5
21.0
21.5
22.1
22.6
23.2
23.7
24.3
24.9
25.5
26.1
26.7
27.4
28.0
28.7
29.4
30.1
30.9
31.6
32.4
33.2
34.0
34.8
35.7
36.5
37.4
38.3
39.2
40.2
41.2
42.2
43.2
44.2
45.3
46.4
47.5
48.7
49.9
51.1
52.3
53.6
54.9
56.2
57.6
59.0
60.4
61.9
63.4
64.9
66.5
68.1
69.8
71.5
73.2
75.0
76.8
78.7
80.6
82.5
84.5
86.6
88.7
90.9
93.1
95.3
97.6
—Color band
MARKING
-65 -50
-25
0
25
50
70 75 100
125 150 165 175 200
AMBIENT TEMPERATURE IN ˚C
DERATING
RESISTANCE VALUES
0
20
40
60
80
100
120
0.344 ± 0.031
[8.74 ± 0.79]
0.139 ± 0.009
[3.53 ± 0.23]
0.400
[10.16]
0.025 ± 0.002
[0.64 ± 0.05]
1.000 ± 0.040
[25.40 ± 1.02]
CCF60


Similar Part No. - CCF-551K05FKR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF-2 VISHAY-CCF-2 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
More results

Similar Description - CCF-551K05FKR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
logo
Vaishali Semiconductor
CCF07 VAISH-CCF07 Datasheet
233Kb / 3P
   Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 09-Sep-13
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 02-May-13
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 24-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com