Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V659S15DR Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70V659S15DR
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V659S15DR Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70V659S15DR Datasheet HTML 5Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 6Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 7Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 8Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 9Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 10Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 11Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 12Page - Integrated Device Technology IDT70V659S15DR Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 150mV)
NOTE:
1. At VDD < - 2.0V input leakages are undefined.
2. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.6 for details.
Symbol
Parameter
Test Conditions
70V659/58/57S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILO|
Output Leakage Current
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(2)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(2)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(2)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(2)
IOH = -2mA, VDDQ = Min.
2.0
___
V
4869 tbl 09
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(3) (VDD = 3.3V ± 150mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V
CEX
> VCC - 0.2V means CE0X > VCC - 0.2V or CE1X - 0.2V
"X" represents "L" for left port or "R" for right port.
70V659/58/57S10
Com'l Only
70V659/58/57S12
Com'l
& Ind
70V659/58/57S15
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled
f = fMAX(1)
COM'L
S
340
500
315
465
300
440
mA
IND
S
____
____
365
515
350
490
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
115
165
90
125
75
100
mA
IND
S
____
____
115
150
100
125
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
225
340
200
325
175
315
mA
IND
S
____
____
225
365
200
350
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V, VIN > VDD - 0.2V
or VIN < 0.2V, f = 0(2)
COM'L
S
315
3
15
315
mA
IND
S
____
____
615
6
15
ISB4
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VDD - 0.2V(5)
VIN > VDD - 0.2V or VIN < 0.2V, Active
Port, Outputs Disabled, f = fMAX(1)
COM'L
S
220
335
195
320
170
310
mA
IND
S
____
____
220
360
195
345
4869 tbl 10


Similar Part No. - IDT70V659S15DR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V659S15DR IDT-IDT70V659S15DR Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V659S15DRI IDT-IDT70V659S15DRI Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V659S15DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659_18 Datasheet
234Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com