Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33151D Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33151D
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33151D Datasheet(HTML) 3 Page - ON Semiconductor

  MC33151D Datasheet HTML 1Page - ON Semiconductor MC33151D Datasheet HTML 2Page - ON Semiconductor MC33151D Datasheet HTML 3Page - ON Semiconductor MC33151D Datasheet HTML 4Page - ON Semiconductor MC33151D Datasheet HTML 5Page - ON Semiconductor MC33151D Datasheet HTML 6Page - ON Semiconductor MC33151D Datasheet HTML 7Page - ON Semiconductor MC33151D Datasheet HTML 8Page - ON Semiconductor MC33151D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC34151, MC33151
http://onsemi.com
3
Figure 1. Switching Characteristics Test Circuit
Figure 2. Switching Waveform Definitions
Figure 3. Logic Input Current versus
Input Voltage
Figure 4. Logic Input Threshold Voltage
versus Temperature
Figure 5. Drive Output Low–to–High Propagation
Delay versus Logic Overdrive Voltage
Figure 6. Drive Output High–to–Low Propagation
Delay versus Logic Input Overdrive Voltage
Vin, INPUT VOLTAGE (V)
VCC = 12 V
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
VCC = 12 V
Upper Threshold
Low State Output
Lower Threshold
High State Output
Vin, INPUT OVERDRIVE VOLTAGE BELOW LOWER THRESHOLD (V)
Overdrive Voltage is with Respect
to the Logic Input Lower Threshold
Vth(lower)
VCC = 12 V
CL = 1.0 nF
TA = 25°C
Vin, INPUT OVERDRIVE VOLTAGE ABOVE UPPER THRESHOLD (V)
VCC = 12 V
CL = 1.0 nF
TA = 25°C
Vth(upper)
Overdrive Voltage is with Respect
to the Logic Input Lower Threshold
+
+
+
6
5.7V
Logic Input
2
4
3
Drive Output
7
5
+
+
+
+
12
V
4.7
0.1
50
CL
+
5.0 V
0 V
10%
90%
tPHL
tPLH
90%
10%
tf
tr
Logic Input
tr, tf ≤ 10 ns
Drive Output
2.4
2.0
1.6
1.2
0.8
0.4
0
2.2
2.0
1.8
1.6
1.4
1.2
1.0
200
160
120
80
40
0
200
160
120
80
40
0
0
2.0
4.0
6.0
8.0
10
12
–55
–25
0
25
50
75
100
125
–1.6
–1.2
–0.8
–0.4
0
0
1.0
2.0
3.0
4.0


Similar Part No. - MC33151D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151D ONSEMI-MC33151D Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151DG ONSEMI-MC33151DG Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151DR2 ONSEMI-MC33151DR2 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151DR2G ONSEMI-MC33151DR2G Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151DR2G ONSEMI-MC33151DR2G Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results

Similar Description - MC33151D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com