Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34084DW Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC34084DW
Description  HIGH PERFORMANCE JFET INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34084DW Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC34084DW Datasheet HTML 6Page - ON Semiconductor MC34084DW Datasheet HTML 7Page - ON Semiconductor MC34084DW Datasheet HTML 8Page - ON Semiconductor MC34084DW Datasheet HTML 9Page - ON Semiconductor MC34084DW Datasheet HTML 10Page - ON Semiconductor MC34084DW Datasheet HTML 11Page - ON Semiconductor MC34084DW Datasheet HTML 12Page - ON Semiconductor MC34084DW Datasheet HTML 13Page - ON Semiconductor MC34084DW Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC34080 thru MC34085
10
MOTOROLA ANALOG IC DEVICE DATA
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current
Normalized to
VCC/VEE = ±15 V, TA = 25°C
RL = ∞
VO = 0
TA = 25°C
Figure 28. Common Mode Rejection Ratio
versus Frequency
Figure 29. Power Supply Rejection Ratio
versus Frequency
Figure 30. Power Supply Rejection Ratio
versus Temperature
Figure 31. Normalized Supply Current
versus Supply Voltage
Figure 32. Channel Separation versus Frequency
Figure 33. Spectral Noise Density
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
VCC/VEE = ±15 V
∆VS = 3.0 V
VO = 0 V
TA = –55°C
TA = 125°C
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
VCC/VEE = ±15 V
∆VS = 3.0 V
VO = 0 V
TA = 25°C
Positive
Supply
Negative
Supply
Compensated Units AV = +1.0
Decompensated Units AV = +2.0
VCC/VEE = ±15 V
∆VS = 3.0 V
VO = 0 V
f
≤ 10 Hz
Positive
Supply
Negative
Supply
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
0
±5.0
±10
±15
±20
±25
VS, SUPPLY VOLTAGE (V)
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
VCC/VEE = ±15 V
TA = 25°C
10 k
100 k
10
100
1.0 k
f, FREQUENCY (Hz)
VCC/VEE = ±15 V
VCM = 0
TA = 25°C
Compensated Units AV = +1.0
Decompensated Units AV = +2.0
100
80
60
40
20
0
120
100
80
60
40
20
0
110
100
90
80
70
1.20
1.10
1.00
0.90
0.80
0.70
120
100
80
60
40
20
0
100
80
60
40
20
0
VCC ± ∆VCC
+
VO
VCC ± ∆VCC
VEE ± ∆VEE
+
VO
VCC ± ∆VCC
VEE ± ∆VEE
+
VO
VEE ± ∆VEE


Similar Part No. - MC34084DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34080 MOTOROLA-MC34080 Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080AD MOTOROLA-MC34080AD Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080AP MOTOROLA-MC34080AP Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080D MOTOROLA-MC34080D Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC34080P MOTOROLA-MC34080P Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - MC34084DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com