Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP130NS04ZB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP130NS04ZB
Description  N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP130NS04ZB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP130NS04ZB Datasheet HTML 4Page - STMicroelectronics STP130NS04ZB Datasheet HTML 5Page - STMicroelectronics STP130NS04ZB Datasheet HTML 6Page - STMicroelectronics STP130NS04ZB Datasheet HTML 7Page - STMicroelectronics STP130NS04ZB Datasheet HTML 8Page - STMicroelectronics STP130NS04ZB Datasheet HTML 9Page - STMicroelectronics STP130NS04ZB Datasheet HTML 10Page - STMicroelectronics STP130NS04ZB Datasheet HTML 11Page - STMicroelectronics STP130NS04ZB Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STP130NS04ZB - STB130NS04ZB - STW130NS04ZB
10/12
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0.075
0.082
R
50
1.574
T
0.25
0.35
0.0098 0.0137
W
23.7
24.3
0.933
0.956
TAPE MECHANICAL DATA


Similar Part No. - STP130NS04ZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP130NS04ZB STMICROELECTRONICS-STP130NS04ZB Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
More results

Similar Description - STP130NS04ZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
   N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY??MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP22NS25Z STMICROELECTRONICS-STP22NS25Z Datasheet
449Kb / 10P
   N-CHANNEL 250V - 0.13ohm - 22A TO-220/D2PAK Zener-Protected MESH OVERLAY??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com