Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3833-TR2 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMP-3833-TR2
Description  Surface Mount PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3833-TR2 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMP-3833-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3833-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PIN General Purpose Diodes, Electrical Specifications TA = 25°C
Nearest
Equivalent
Minimum
Maximum
Maximum
Part
Package
Axial Lead
Breakdown
Series
Total
Number
Marking
Lead
Part No.
Voltage
Resistance
Capacitance
HSMP-
Code[1]
Code
Configuration
5082-
V
BR (V)
R
S (Ω)CT (pF)
3830
K0
0
Single
3077
200
1.5
0.3
3832
K2
2
Series
3833
K3
3
Common Anode
3834
K4
4
Common Cathode
Test Conditions
V
R = VBR
I
F = 100 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 mA
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes, Electrical Specifications TA = 25°C
Minimum
Maximum
Typical
Maximum
Typical
Break-
Series
Total
Total
Total
Part
Package
down
Resis-
Capaci-
Capaci-
Induc-
Number
Marking
Lead
Config-
Voltage
tance
tance
tance
tance
Appli-
HSMP-
Code
Code
uration
VBR (V)
RS (Ω)CT (pF)
CT (pF)
LT (nH)
cation
4810
EB
B
Dual
100
3.0
0.35
0.4
1.0
Attenu-
Cathode
ator
4820
FA
A
Dual Anode
50
0.6*
0.75*
1.0
1.0*
Limiter
4890
GA
A
Dual Anode
100
2.5**
0.33
0.375
1.0
Switch
VR = VBR
IF = 100 mA
VR = 50 V
VR = 50 V
f = 500 MHz –
Measure
I
F = 10 mA*
f = 1 MHz
f = 1 MHz
3 GHz
IR ≤ 10 µAIF = 5 mA**
VR = 20 V*
VR = 0 V
VR = 20 V*
PIN General Purpose Diodes, Typical Specifications TA = 25°C
Code
Minimum
Typical Series
Typical Total
Part Number
Marking
Lead
Breakdown
Resistance
Capacitance
HSMP-
Code[1]
Code
Configuration
Voltage V
BR (V)
R
S (Ω)CT (pF)
3860
L0
0
Single
50
3.0/1.5*
0.20
3862
L2
2
Series
3863
L3
3
Common Anode
3864
L4
4
Common Cathode
Test Conditions
V
R = VBR
I
F = 10 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 µA
*I
F = 100 mA
Typical Parameters at TA = 25°C
Part Number
Series Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
R
S (Ω)
τ (ns)
T
rr (ns)
C
T (pF)
380X
55
1800
500
0.32 @ 50 V
381X
75
1500
300
0.27 @ 50 V
382X
1.5
70*
7
0.60 @ 20 V
383X
20
500
80
0.20 @ 50 V
388X
3.8
2500
550
0.30 @ 50 V
389X
3.8
200*
0.20 @ 5 V
Test Conditions
I
F = 1 mA
I
F = 50 mA
V
R = 10 V
f = 100 MHz
I
R = 250 mA
I
F = 20 mA
I
F = 10 mA*
I
F = 10 mA*
90% Recovery
I
R = 6 mA*
Note:
1. Package marking code is white.


Similar Part No. - HSMP-3833-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3833-TR2G AVAGO-HSMP-3833-TR2G Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
More results

Similar Description - HSMP-3833-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com