Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHD4508N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHD4508N
Description  Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4508N Datasheet(HTML) 2 Page - ON Semiconductor

  NTHD4508N Datasheet HTML 1Page - ON Semiconductor NTHD4508N Datasheet HTML 2Page - ON Semiconductor NTHD4508N Datasheet HTML 3Page - ON Semiconductor NTHD4508N Datasheet HTML 4Page - ON Semiconductor NTHD4508N Datasheet HTML 5Page - ON Semiconductor NTHD4508N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTHD4508N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V
20
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 16 V
1.0
mA
VGS = 0 V, VDS = 16 V, TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.6
1.2
V
Drain−to−Source On−Resistance
RDS(on)
VGS = 4.5, ID = 3.1 A
60
75
m
W
()
VGS = 2.5, ID = 2.3 A
80
115
Forward Transconductance
gFS
VDS = 10 V, ID = 3.1 A
6.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
V
0V f
10MH
180
pF
Output Capacitance
COSS
VGS = 0 V, f = 1.0 MHz,
VDS = 10 V
80
Reverse Transfer Capacitance
CRSS
VDS = 10 V
25
Total Gate Charge
QG(TOT)
2.6
4.0
nC
Threshold Gate Charge
QG(TH)
VGS = 4.5 V, VDS = 10 V,
0.5
Gate−to−Source Charge
QGS
VGS = 4.5 V, VDS = 10 V,
ID = 3.1 A
0.6
Gate−to−Drain Charge
QGD
0.7
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
5.0
10
ns
Rise Time
tr
VGS = 4.5 V, VDS = 16 V,
15
30
Turn−Off Delay Time
td(OFF)
VGS = 4.5 V, VDS = 16 V,
ID = 3.1 A, RG = 2.5 W
10
20
Fall Time
tf
3.0
6.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 3.1 A
0.75
1.15
V
Reverse Recovery Time
tRR
12.5
ns
Charge Time
ta
VGS = 0 V, IS = 1.5 A,
9.0
Discharge Time
tb
VGS = 0 V, IS = 1.5 A,
dIS/dt = 100 A/ms
3.5
Reverse Recovery Charge
QRR
6.0
nC
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTHD4508N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTHD4508NT1G VBSEMI-NTHD4508NT1G Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTHD4508N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD5902T1 ONSEMI-NTHD5902T1 Datasheet
204Kb / 8P
   Power MOSFET Dual N?묬hannel ChipFET
February, 2005 ??Rev. XXX
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHS5402T1 ONSEMI-NTHS5402T1 Datasheet
206Kb / 8P
   Power MOSFET N?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com