Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34163 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34163
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34163 Datasheet(HTML) 4 Page - ON Semiconductor

  MC34163 Datasheet HTML 1Page - ON Semiconductor MC34163 Datasheet HTML 2Page - ON Semiconductor MC34163 Datasheet HTML 3Page - ON Semiconductor MC34163 Datasheet HTML 4Page - ON Semiconductor MC34163 Datasheet HTML 5Page - ON Semiconductor MC34163 Datasheet HTML 6Page - ON Semiconductor MC34163 Datasheet HTML 7Page - ON Semiconductor MC34163 Datasheet HTML 8Page - ON Semiconductor MC34163 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34163 MC33163
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 3. Feedback Comparator 1 Input Bias
Current versus Temperature
2.8
2.4
2.0
1.6
1.2
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
Pin 16 = VCC + 5.0 V
Figure 4. Feedback Comparator 2 Threshold
Voltage versus Temperature
7.6
7.4
7.2
7.0
6.8
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
IZ = 25 mA
Figure 5. Bootstrap Input Current
Source versus Temperature
0
– 0.4
0
0.8
2.4
3.2
IE, EMITTER CURRENT (A)
– 0.8
–1.2
–1.6
– 2.0
Figure 6. Bootstrap Input Zener Clamp
Voltage versus Temperature
1.2
1.0
IC, COLLECTOR CURRENT (A)
0.8
0.6
0.4
0.2
0
Gnd
140
–55
TA, AMBIENT TEMPERATURE (°C)
120
100
80
60
– 25
0
25
50
75
100
125
1300
1280
1260
1240
1220
1200
–55
TA, AMBIENT TEMPERATURE (°C)
– 25
0
25
50
75
100
125
Vth Typ = 1250 mV
Vth Min = 1225 mV
VCC = 15 V
VFB1 = 5.05 V
Vth Max = 1275 mV
1.6
Bootstrapped, Pin 16 = VCC + 5.0 V
Non–Bootstrapped, Pin 16 = VCC
VCC
0
0.8
2.4
3.2
1.6
Figure 7. Output Switch Source Saturation
versus Emitter Current
Figure 8. Output Switch Sink Saturation
versus Collector Current
Darlington, Pins 9, 10, 11 Connected
Grounded Emitter Configuration
Collector Sinking Current From VCC
Pins 7, 8 = VCC = 15 V
Pins 4, 5, 12, 13, 14, 15 = Gnd
TA = 25°C, (Note 2)
Saturated Switch, RPin9 = 110 Ω to VCC
VCC = 15 V
Darlington Configuration
Emitter Sourcing Current to Gnd
Pins 7, 8, 10, 11 = VCC
Pins 4, 5, 12, 13 = Gnd
TA = 25°C, (Note 2)


Similar Part No. - MC34163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163 ONSEMI-MC34163 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC34163DW ONSEMI-MC34163DW Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34163DW ONSEMI-MC34163DW Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163DWG ONSEMI-MC34163DWG Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Similar Description - MC34163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com