Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5919T100Q Datasheet(PDF) 3 Page - Integrated Device Technology

Part # QS5919T100Q
Description  LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS5919T100Q Datasheet(HTML) 3 Page - Integrated Device Technology

  QS5919T100Q Datasheet HTML 1Page - Integrated Device Technology QS5919T100Q Datasheet HTML 2Page - Integrated Device Technology QS5919T100Q Datasheet HTML 3Page - Integrated Device Technology QS5919T100Q Datasheet HTML 4Page - Integrated Device Technology QS5919T100Q Datasheet HTML 5Page - Integrated Device Technology QS5919T100Q Datasheet HTML 6Page - Integrated Device Technology QS5919T100Q Datasheet HTML 7Page - Integrated Device Technology QS5919T100Q Datasheet HTML 8Page - Integrated Device Technology QS5919T100Q Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
INDUSTRIALTEMPERATURERANGE
QS5919T
LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
PIN DESCRIPTION
Pin Name
I/O
Description
SYNC0
I
Reference clock input
SYNC1
I
Reference clock input
REF_SEL
I
Reference clock select. When 1, selects SYNC1. When 0, selects SYNC0.
FREQ_SEL
I
VCO frequency select. For choosing optimal VCO operating frequency depending on input frequency.
FEEDBACK
I
PLL feedback input which is connected to a user selected output pin. External feedback provides flexibility for different output
frequency relationships. See the Frequency Selection Table for more information.
Q0 -Q4
O
Clock outputs
Q5
O
Clock output. Matched in frequency, but inverted with respect to Q.
2xQ
O
Clock output. Matched in phase, but frequency is double the Q frequency.
Q/2
O
Clock output. Matched in phase, but frequency is half the Q frequency.
LOCK
O
PLL lock indication signal. 1 indicates positive lock. 0 indicates that the PLL is not locked and outputs may not be synchronized to
the inputs.
OE/
RST
I
Output enable/asynchronous reset. Resets all output registers. When 0, all outputs are held in a tri-stated condition. When 1,
outputs are enabled.
PLL_EN
I
PLL enable. Enables and disables the PLL. Useful for testing purposes.
PE
I
When
PE is LOW, outputs are synchronized with the positive edge of SYNC. When HIGH, outputs are synchronized with the
negative edge of SYNC.
VDD
Power supply for output buffers.
AVDD
Power supply for phase lock loop and other internal circuitries.
GND
Ground supply for output buffers.
AGND
Ground supply for phase lock loop and other internal circuitries.
OUTPUT FREQUENCY SPECIFICATIONS
Industrial: TA = –40°C to +85°C, AVDD / VDD = 5.0V ± 10%
Symbol
Description
– 55
– 70
– 100
– 133
– 160
Units
FMAX_2XQ
Max Frequency, 2xQ
55
70
100
133
160
MHz
FMAX_Q
Max Frequency, Q0 - Q4, Q5
27.5
35
50
66.5
80
MHz
FMAX_Q/2
Max Frequency, Q/2
13.75
17.5
25
33.25
40
MHz
FMIN_2XQ
Min Frequency, 2xQ
20
20
20
20
20
MHz
FMIN_Q
Min Frequency, Q0 - Q4, Q5
10
10
10
10
10
MHz
FMIN_Q/2
Min Frequency, Q/2
55
5
5
5
MHz


Similar Part No. - QS5919T100Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5917T-100TJ IDT-QS5917T-100TJ Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T-100TJ RENESAS-QS5917T-100TJ Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
QS5917T-100TJG RENESAS-QS5917T-100TJG Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
More results

Similar Description - QS5919T100Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5930T IDT-QS5930T Datasheet
57Kb / 6P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV919 IDT-QS5LV919 Datasheet
98Kb / 12P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com