Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS5919T133Q Datasheet(PDF) 4 Page - Integrated Device Technology

Part # QS5919T133Q
Description  LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS5919T133Q Datasheet(HTML) 4 Page - Integrated Device Technology

  QS5919T133Q Datasheet HTML 1Page - Integrated Device Technology QS5919T133Q Datasheet HTML 2Page - Integrated Device Technology QS5919T133Q Datasheet HTML 3Page - Integrated Device Technology QS5919T133Q Datasheet HTML 4Page - Integrated Device Technology QS5919T133Q Datasheet HTML 5Page - Integrated Device Technology QS5919T133Q Datasheet HTML 6Page - Integrated Device Technology QS5919T133Q Datasheet HTML 7Page - Integrated Device Technology QS5919T133Q Datasheet HTML 8Page - Integrated Device Technology QS5919T133Q Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
INDUSTRIALTEMPERATURERANGE
QS5919T
LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
NOTES:
1. Operation in the specified SYNC frequency range guarantees that the VCO will operate in its optimal range of 20MHz to FMAX_2XQ. Operation with
Sync inputs outside specified frequency ranges may result in out-of-lock outputs. FREQ_SEL only affects VCO frequency and does not affect
output frequencies.
2. The lock output pin (LOCK) may not indicate reliably for VCO frequencies below 30MHz.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = –40°C to +85°C, AVDD / VDD = 5.0V ± 10%
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
VOH
Output HIGH Voltage
VDD = Min., IOH =
−24mA
2.4
V
VDD = Min., IOH =
−100µA
3—
V
VOL
Output LOW Voltage
VDD = Min., IOL = 24mA
0.45
V
VDD = Min., IOL = 100
µA
——
0.2
V
VH
Input Hysteresis
100
mV
IOZ
Output Leakage Current
VOUT = VDD or GND, VDD = Max.
5
µA
IIN
Input Leakage Current
VIN = AVDD or GND, AVDD = Max.
5
µA
IPD
Input Pull-Down Current (
PE)AVDD = Max., VIN = AVDD
100
µA
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
Typ.
Max.
Unit
IDDQ
Quiescent Power Supply Current
VDD = Max., OE/
RST = LOW,
SYNC = LOW, All outputs unloaded
1.5
mA
∆IDD
Power Supply Current per Input HIGH
VDD = Max., VIN = 3.4V
0.5
1.5
mA
IDDD
Dynamic Power Supply Current (1)
VDD = Max., CL = 0pF
0.2
0.4
mA/MHz
NOTE:
1. Relative to the frequency of Q outputs.
FREQUENCY SELECTION TABLE
Output Used for
SYNC (MHz)
(allowable range) (1)
Output Frequency Relationships (2)
FREQ_SEL
Feedback
Min.
Max
Q/2
Q5
Q0 - Q4
2XQ
HIGH
Q/2
FMIN_Q/2
FMAX _Q/2
SYNC
– SYNC X 2
SYNC X 2
SYNC X 4
HIGH
Q0 -Q4
FMIN_Q
FMAX _Q
SYNC / 2
– SYNC
SYNC
SYNC X 2
HIGH
Q5
FMIN_Q
FMAX _Q
– SYNC / 2
SYNC
– SYNC
– SYNC X 2
HIGH
2xQ
FMIN_2XQ
FMAX _2XQ
SYNC / 4
– SYNC / 2
SYNC / 2
SYNC
LOW
Q/2
FMIN_Q/2 /2
FMAX _Q/2 /2
SYNC
– SYNC X 2
SYNC X 2
SYNC X 4
LOW
Q0 -Q4
FMIN_Q /2
FMAX _Q /2
SYNC / 2
– SYNC
SYNC
SYNC X 2
LOW
Q5
FMIN_Q /2
FMAX _Q /2
– SYNC / 2
SYNC
– SYNC
– SYNC X 2
LOW
2xQ
FMIN_2XQ /2
FMAX _2XQ /2
SYNC / 4
– SYNC / 2
SYNC / 2
SYNC


Similar Part No. - QS5919T133Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5917T-100TJ IDT-QS5917T-100TJ Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Renesas Technology Corp
QS5917T-100TJ RENESAS-QS5917T-100TJ Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
QS5917T-100TJG RENESAS-QS5917T-100TJG Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
More results

Similar Description - QS5919T133Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QS5917T RENESAS-QS5917T Datasheet
241Kb / 8P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
JANUARY 7, 2014
logo
Integrated Device Techn...
QS5930T IDT-QS5930T Datasheet
57Kb / 6P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV919 IDT-QS5LV919 Datasheet
98Kb / 12P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com